Electronic Components Datasheet Search
  English  ▼

X  

PE34422 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE34422
Description  SMA Male to TNC Male Cable Using PE-SR401FL Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34422 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE34422 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34422 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34422 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
How to Order
PartNumberConfiguration:
PE34422
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE34422-12 = 12 inches long cable
PE34422-100cm = 100 cm long cable
SMA Male to TNC Male Cable Using PE-SR401FL Coax from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to TNC Male Cable Using PE-SR401FL Coax PE34422
URL:
http://www.pasternack.com/sma-male-tnc-male-pe-sr401fl-cable-assembly-pe34422-p.aspx
PE34422 REV 1.0
PE34422
SMA Male to TNC Male Cable Using PE-SR401FL Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com