Electronic Components Datasheet Search
  English  ▼

X  

PE34422 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34422
Description  SMA Male to TNC Male Cable Using PE-SR401FL Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34422 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34422 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34422 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34422 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
SMA Male
Connector 2
TNC Male
Cable Type
PE-SR401FL
Impedance
50 Ohms
Velocity of Propagation
69.5 %
Mechanical Specifications
Size
.
Weight
0.232 lbs [105.23 g]
One Time Minimum Bend Radius
1.18 in [29.97 mm]
Repeated Minimum Bend Radius
4.7 in [119.38 mm]
Cable
Cable Type
PE-SR401FL
Inner Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
1
Dielectric Type
PTFE
Connector 1
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Hex Size
5/16 inch
Body Material and Plating
Brass, Nickel
Connector 2
Type
TNC Male
Connector2Specification
MIL-C-39012
Configuration
Straight
Inner Conductor Material and Plating
Gold
InnerConductorPlatingSpecification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Gold
BodyPlatingSpecification
MIL-G-45204
DielectricType
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE34422LF. Contact Pasternack if product cannot be found.
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to TNC Male Cable Using PE-SR401FL Coax PE34422
PE34422 REV 1.0
PE34422
SMA Male to TNC Male Cable Using PE-SR401FL Coax


Similar Part No. - PE34422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34422-12 PASTERNACK-PE34422-12 Datasheet
349Kb / 3P
SMA Male to TNC Male Cable 12 Inch Length Using PE-SR401FL Coax
PE34422-18 PASTERNACK-PE34422-18 Datasheet
350Kb / 3P
SMA Male to TNC Male Cable 18 Inch Length Using PE-SR401FL Coax
PE34422-24 PASTERNACK-PE34422-24 Datasheet
349Kb / 3P
SMA Male to TNC Male Cable 24 Inch Length Using PE-SR401FL Coax
PE34422-36 PASTERNACK-PE34422-36 Datasheet
350Kb / 3P
SMA Male to TNC Male Cable 36 Inch Length Using PE-SR401FL Coax
PE34422-48 PASTERNACK-PE34422-48 Datasheet
350Kb / 3P
SMA Male to TNC Male Cable 48 Inch Length Using PE-SR401FL Coax
More results

Similar Description - PE34422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34422-6 PASTERNACK-PE34422-6 Datasheet
350Kb / 3P
SMA Male to TNC Male Cable 6 Inch Length Using PE-SR401FL Coax
PE34422-12 PASTERNACK-PE34422-12 Datasheet
349Kb / 3P
SMA Male to TNC Male Cable 12 Inch Length Using PE-SR401FL Coax
PE34422-18 PASTERNACK-PE34422-18 Datasheet
350Kb / 3P
SMA Male to TNC Male Cable 18 Inch Length Using PE-SR401FL Coax
PE34422-24 PASTERNACK-PE34422-24 Datasheet
349Kb / 3P
SMA Male to TNC Male Cable 24 Inch Length Using PE-SR401FL Coax
PE34422-36 PASTERNACK-PE34422-36 Datasheet
350Kb / 3P
SMA Male to TNC Male Cable 36 Inch Length Using PE-SR401FL Coax
PE34422-48 PASTERNACK-PE34422-48 Datasheet
350Kb / 3P
SMA Male to TNC Male Cable 48 Inch Length Using PE-SR401FL Coax
PE34422-60 PASTERNACK-PE34422-60 Datasheet
350Kb / 3P
SMA Male to TNC Male Cable 60 Inch Length Using PE-SR401FL Coax
PE34422LF-12 PASTERNACK-PE34422LF-12 Datasheet
365Kb / 3P
SMA Male to TNC Male Cable 12 Inch Length Using PE-SR401FL Coax, RoHS
PE34422LF-48 PASTERNACK-PE34422LF-48 Datasheet
366Kb / 3P
SMA Male to TNC Male Cable 48 Inch Length Using PE-SR401FL Coax, RoHS
PE34422LF-60 PASTERNACK-PE34422LF-60 Datasheet
366Kb / 3P
SMA Male to TNC Male Cable 60 Inch Length Using PE-SR401FL Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com