Electronic Components Datasheet Search
  English  ▼

X  

ST72F324J Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72F324J
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72F324J Datasheet HTML 6Page - STMicroelectronics ST72F324J Datasheet HTML 7Page - STMicroelectronics ST72F324J Datasheet HTML 8Page - STMicroelectronics ST72F324J Datasheet HTML 9Page - STMicroelectronics ST72F324J Datasheet HTML 10Page - STMicroelectronics ST72F324J Datasheet HTML 11Page - STMicroelectronics ST72F324J Datasheet HTML 12Page - STMicroelectronics ST72F324J Datasheet HTML 13Page - STMicroelectronics ST72F324J Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
ST72324J/K
10/156
24 17 9 12
PC1/OCMP1_B/
AIN13
I/O CT
X
X
X
X
X
Port C1
Timer B Out-
put Com-
pare 1
ADC Analog
Input 13
25 18 10 13 PC2 (HS)/ICAP2_B
I/O CT HS
X
X
X
X
Port C2
Timer B Input Capture 2
26 19 11 14 PC3 (HS)/ICAP1_B
I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
27 20 12 15
PC4/MISO/ICCDA-
TA
I/O CT
X
X
X
X
Port C4
SPI Master
In / Slave
Out Data
ICC Data In-
put
28 21 13 16 PC5/MOSI/AIN14
I/O CT
X
X
X
X
X
Port C5
SPI Master
Out / Slave
In Data
ADC Analog
Input 14
29 22 14 17 PC6/SCK/ICCCLK
I/O CT
X
X
X
X
Port C6
SPI Serial
Clock
ICC Clock
Output
30 23 15 18 PC7/SS/AIN15
I/O CT
X
X
X
X
X
Port C7
SPI Slave
Select (ac-
tive low)
ADC Analog
Input 15
31 24 16 19 PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
32 25
VDD_1
S
Digital Main Supply Voltage
33 26
VSS_1
S
Digital Ground Voltage
34 27 17 20 PA4 (HS)
I/O CT HS
X
X
X
X
Port A4
35 28
PA5 (HS)
I/O CT HS
X
X
X
X
Port A5
36 29 18 21 PA6 (HS)
I/O CT HS
X
T
Port A6 1)
37 30 19 22 PA7 (HS)
I/O CT HS
X
T
Port A7 1)
38 31 20 23 VPP /ICCSEL
I
Must be tied low. In the flash pro-
gramming mode, this pin acts as the
programming voltage input VPP. See
Section 12.9.2 for more details. High
voltage must not be applied to ROM
devices.
39 32 21 24 RESET
I/O CT
Top priority non maskable interrupt.
40 33 22 25 VSS_2
S
Digital Ground Voltage
41 34 23 26 OSC2
O
Resonator oscillator inverter output or
capacitor input for RC oscillator
42 35 24 27 OSC1
I
External clock input or Resonator os-
cillator inverter input or resistor input
for RC oscillator
43 36 25 28 VDD_2
S
Digital Main Supply Voltage
44 37 26 29 PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
1 38 27 30 PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
2 39 28 31 PB0
I/O CT
X
ei2
X
X
Port B0
3 40
PB1
I/O CT
X
ei2
X
X
Port B1
4 41
PB2
I/O CT
X
ei2
X
X
Port B2
5 42 29 32 PB3
I/O CT
X
ei2
X
X
Port B3
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com