Electronic Components Datasheet Search
  English  ▼

X  

ST72F324J Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72F324J
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72F324J Datasheet HTML 97Page - STMicroelectronics ST72F324J Datasheet HTML 98Page - STMicroelectronics ST72F324J Datasheet HTML 99Page - STMicroelectronics ST72F324J Datasheet HTML 100Page - STMicroelectronics ST72F324J Datasheet HTML 101Page - STMicroelectronics ST72F324J Datasheet HTML 102Page - STMicroelectronics ST72F324J Datasheet HTML 103Page - STMicroelectronics ST72F324J Datasheet HTML 104Page - STMicroelectronics ST72F324J Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 156 page
background image
ST72324J/K
101/156
SERIAL COMMUNICATION INTERFACE (Cont’d)
Table 21. SCI Register Map and Reset Values
Address
(Hex.)
Register
Label
76
54
32
10
0050h
SCISR
Reset Value
TDRE
1
TC
1
RDRF
0
IDLE
0
OR
0
NF
0
FE
0
PE
0
0051h
SCIDR
Reset Value
MSB
xx
x
x
x
x
x
LSB
x
0052h
SCIBRR
Reset Value
SCP1
0
SCP0
0
SCT2
x
SCT1
x
SCT0
x
SCR2
x
SCR1
x
SCR0
x
0053h
SCICR1
Reset Value
R8
x
T8
x
SCID
0
M
x
WAKE
x
PCE
0
PS
0
PIE
0
0054h
SCICR2
Reset Value
TIE
0
TCIE
0
RIE
0
ILIE
0
TE
0
RE
0
RWU
0
SBK
0
0055h
SCIERPR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
0057h
SCIPETPR
Reset Value
MSB
00
0
0
0
0
0
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com