Electronic Components Datasheet Search
  English  ▼

X  

AD7856ARS Datasheet(PDF) 6 Page - Analog Devices

Part # AD7856ARS
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856ARS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7856ARS Datasheet HTML 2Page - Analog Devices AD7856ARS Datasheet HTML 3Page - Analog Devices AD7856ARS Datasheet HTML 4Page - Analog Devices AD7856ARS Datasheet HTML 5Page - Analog Devices AD7856ARS Datasheet HTML 6Page - Analog Devices AD7856ARS Datasheet HTML 7Page - Analog Devices AD7856ARS Datasheet HTML 8Page - Analog Devices AD7856ARS Datasheet HTML 9Page - Analog Devices AD7856ARS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AD7856
–5–
REV. A
TYPICAL TIMING DIAGRAMS
Figures 2 and 3 show typical read and write timing diagrams for
serial Interface Mode 2. The reading and writing occurs after
conversion in Figure 2, and during conversion in Figure 3. To
attain the maximum sample rate of 285 kHz, reading and writ-
ing must be performed during conversion as in Figure 3. At
least 330 ns acquisition time must be allowed (the time from
the falling edge of BUSY to the next rising edge of
CONVST)
before the next conversion begins to ensure that the part is
settled to the 14-bit level. If the user does not want to provide
the
CONVST signal, the conversion can be initiated in software
by writing to the control register.
tCONVERT = 3.5 s MAX, 5.25 s MAX FOR K VERSION
t1 = 100ns MIN, t4 = 30/50ns MAX A/K, t7 = 30/40ns MIN A/K
DB15
SYNC (I/P)
SCLK (I/P)
t3
BUSY (O/P)
CONVST (I/P)
tCONVERT
1
5
616
DOUT (O/P)
DB0
DB11
DIN (I/P)
DB15
DB0
THREE-
STATE
DB11
THREE-STATE
t1
t2
t4
t6
t6
t9
t11
t12
t8
t7
t10
Figure 2. Timing Diagram for Interface Mode 2 (Reading/Writing After Conversion)
DB15
SYNC (I/P)
SCLK (I/P)
t3
BUSY (O/P)
CONVST (I/P)
tCONVERT
1
5
616
DOUT (O/P)
DB0
DB11
DIN (I/P)
DB15
DB0
THREE-
STATE
DB11
THREE-STATE
t1
t2
t4
t6
t6
t9
t11
t12
t8
t7
t10
tCONVERT = 3.5 s MAX, 5.25 s MAX FOR K VERSION
t1 = 100ns MIN, t4 = 30/50ns MAX A/K, t7 = 30/40ns MIN A/K
Figure 3. Timing Diagram for Interface Mode 2 (Reading/Writing During Conversion)
TO OUTPUT
PIN
CL
100pF
IOL
1.6mA
200 A
+2.1V
IOL
Figure 1. Load Circuit for Digital Output Timing
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com