Electronic Components Datasheet Search
  English  ▼

X  

AD7856ARS Datasheet(PDF) 18 Page - Analog Devices

Part # AD7856ARS
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856ARS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7856ARS Datasheet HTML 14Page - Analog Devices AD7856ARS Datasheet HTML 15Page - Analog Devices AD7856ARS Datasheet HTML 16Page - Analog Devices AD7856ARS Datasheet HTML 17Page - Analog Devices AD7856ARS Datasheet HTML 18Page - Analog Devices AD7856ARS Datasheet HTML 19Page - Analog Devices AD7856ARS Datasheet HTML 20Page - Analog Devices AD7856ARS Datasheet HTML 21Page - Analog Devices AD7856ARS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AD7856
–17–
REV. A
AIN(+)
AIN(–)
AD7856
DOUT
TRACK AND HOLD
AMPLIFIER
STRAIGHT
BINARY
FORMAT
VIN = 0 TO VREF
Figure 14. 0 to VREF Input Configuration
Transfer Function
For the AD7856 input range the designed code transitions occur
midway between successive integer LSB values (i.e., 1/2 LSB,
3/2 LSBs, 5/2 LSBs . . . FS – 3/2 LSBs). The output coding
is straight binary, with 1 LSB = FS/16384 = 4.096 V/16384 =
0.25 mV when VREF = 4.096 V. The ideal input/output transfer
characteristic is shown in Figure 15.
+FS –1LSB
OUTPUT
CODE
0V
111...111
111...110
111...101
111...100
000...011
000...001
000...000
000...010
VIN = (AIN(+) – AIN(–)), INPUT VOLTAGE
1LSB
1LSB =
FS
16384
Figure 15. Transfer Characteristic
REFERENCE SECTION
For specified performance, it is recommended that when using
an external reference this reference should be between 4 V and
the analog supply AVDD. The connections for the relevant refer-
ence pins are shown in the typical connection diagrams. If the
internal reference is being used, the REFIN/REFOUT pin should
have a 100 nF capacitor connected to AGND very close to the
REFIN/REFOUT pin. These connections are shown in Figure 16.
If the internal reference is required for use external to the ADC,
it should be buffered at the REFIN/REFOUT pin and a 100 nF
capacitor connected from this pin to AGND. The typical noise
performance for the internal reference, with 5 V supplies is
150 nV/
√Hz @ 1 kHz and dc noise is 100 µV p-p.
REFIN/REFOUT
AD7856
ANALOG
SUPPLY
+5V
AVDD
DVDD
0.01 F
0.1 F
10 F
CREF1
CREF2
0.01 F
0.1 F
0.1 F
10
470nF
Figure 16. Relevant Connections When Using Internal
Reference
The other option is that the REFIN/REFOUT pin be overdriven
by connecting it to an external reference. This is possible due to
the series resistance from the REFIN/REFOUT pin to the internal
reference. This external reference can have a range that includes
AVDD. When using AVDD as the reference source or when an
externally applied reference approaches AVDD, the 100 nF ca-
pacitor from the REFIN/REFOUT pin to AGND should be as
close as possible to the REFIN/REFOUT pin, and also the CREF1
pin should be connected to AVDD to keep this pin at the same
level as the reference. The connections for this arrangement are
shown in Figure 17. When using AVDD it may be necessary to
add a resistor in series with the AVDD supply. This will have the
effect of filtering the noise associated with the AVDD supply.
REFIN/REFOUT
AD7856
ANALOG
SUPPLY
+5V
AVDD
DVDD
0.01 F
0.1 F
10 F
CREF1
CREF2
0.01 F
0.1 F
0.1 F
10
10
470nF
Figure 17. Relevant Connections When Using AVDD as the
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com