Electronic Components Datasheet Search
  English  ▼

X  

AD7856ARS Datasheet(PDF) 1 Page - Analog Devices

Part # AD7856ARS
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856ARS Datasheet(HTML) 1 Page - Analog Devices

  AD7856ARS Datasheet HTML 1Page - Analog Devices AD7856ARS Datasheet HTML 2Page - Analog Devices AD7856ARS Datasheet HTML 3Page - Analog Devices AD7856ARS Datasheet HTML 4Page - Analog Devices AD7856ARS Datasheet HTML 5Page - Analog Devices AD7856ARS Datasheet HTML 6Page - Analog Devices AD7856ARS Datasheet HTML 7Page - Analog Devices AD7856ARS Datasheet HTML 8Page - Analog Devices AD7856ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7856
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
5 V Single Supply, 8-Channel
14-Bit 285 kSPS Sampling ADC
FUNCTIONAL BLOCK DIAGRAM
4.096V
REFERENCE
AVDD
AGND
DVDD
DGND
CLKIN
CONVST
BUSY
SLEEP
CAL
CREF2
CREF1
REFIN/REFOUT
AIN8
AIN1
DIN
DOUT
SCLK
SYNC
SERIAL INTERFACE/CONTROL REGISTER
BUF
CHARGE
REDISTRIBUTION
DAC
AD7856
COMP
CALIBRATION
MEMORY AND
CONTROLLER
SAR + ADC
CONTROL
T/H
I/P
MUX
PRODUCT HIGHLIGHTS
1. Single 5 V supply.
2. Automatic calibration on power-up.
3. Flexible power management options including automatic
power-down after conversion.
4. Operates with reference voltages from 1.2 V to VDD.
5. Analog input range from 0 V to VDD.
6. Eight single-ended or four pseudo-differential input channels.
7. Self- and system calibration.
8. Versatile serial I/O port (SPI/QSPI/8051/
µP).
GENERAL DESCRIPTION
The AD7856 is a high speed, low power, 14-bit ADC that oper-
ates from a single 5 V power supply. The ADC powers up with
a set of default conditions at which time it can be operated as a
read only ADC. The ADC contains self-calibration and system
calibration options to ensure accurate operation over time and
temperature and it has a number of power-down options for low
power applications.
The AD7856 is capable of 285 kHz throughput rate. The input
track-and-hold acquires a signal in 500 ns and features a pseudo-
differential sampling scheme. The AD7856 voltage range is 0 to
VREF with straight binary output coding. Input signal range is to
the supply and the part is capable of converting full power sig-
nals to 10 MHz.
CMOS construction ensures low power dissipation of typically
60 mW for normal operation and 5.1 mW in power-down mode
at 10 kSPS throughput rate. The part is available in 24-lead,
0.3 inch-wide dual in-line package (DIP), 24-lead small outline
(SOIC) and 24-lead small shrink outline (SSOP) packages.
Please see page 31 for data sheet index.
FEATURES
Single 5 V Supply
285 kSPS Throughput Rate
Self- and System Calibration with Autocalibration on
Power-Up
Eight Single-Ended or Four Pseudo-Differential Inputs
Low Power: 60 mW Typ
Automatic Power-Down After Conversion (2.5
W Typ)
Flexible Serial Interface: 8051/SPI™/QSPI™/ P Compatible
24-Lead DIP, SOIC and SSOP Packages
APPLICATIONS
Battery-Powered Systems (Personal Digital Assistants,
Medical Instruments, Mobile Communications)
Pen Computers
Instrumentation and Control Systems
High Speed Modems
SPI and QSPI are trademarks of Motorola, Inc.


Similar Part No. - AD7856ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7856ARS AD-AD7856ARS Datasheet
294Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV.A
More results

Similar Description - AD7856ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7856 AD-AD7856 Datasheet
294Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV.A
AD7858 AD-AD7858 Datasheet
315Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV.B
AD7899 AD-AD7899 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7858BRZ AD-AD7858BRZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7858LARZ AD-AD7858LARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7856 AD-AD7856_15 Datasheet
297Kb / 32P
5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
5 V Single Supply 14-Bit 400 kSPS ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com