Electronic Components Datasheet Search
  English  ▼

X  

TL5002CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL5002CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5002CD Datasheet(HTML) 1 Page - Texas Instruments

  TL5002CD Datasheet HTML 1Page - Texas Instruments TL5002CD Datasheet HTML 2Page - Texas Instruments TL5002CD Datasheet HTML 3Page - Texas Instruments TL5002CD Datasheet HTML 4Page - Texas Instruments TL5002CD Datasheet HTML 5Page - Texas Instruments TL5002CD Datasheet HTML 6Page - Texas Instruments TL5002CD Datasheet HTML 7Page - Texas Instruments TL5002CD Datasheet HTML 8Page - Texas Instruments TL5002CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TL5002
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS304A – SEPTEMBER 2000 – REVISED AUGUST 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Complete PWM Power Control
D 3.6-V to 40-V Operation
D Internal Undervoltage-Lockout Circuit
D Oscillator Frequency . . . 20 kHz to 500 kHz
D Variable Dead Time Provides Control Over
Total Range
D Ideal Controller for DDR Memory
Application
D Uncommitted Error Amplifier Inputs
description
The TL5002 incorporates on a single monolithic chip all the functions required for a pulse-width-modulation
(PWM) control circuit. Designed primarily for power-supply control, the TL5002 contains an error amplifier, a
regulator, an oscillator, a PWM comparator with a dead-time-control input, undervoltage lockout (UVLO), and
an open-collector output transistor.
The error-amplifier input common-mode voltage ranges from 0.9 V to 1.5 V. Dead-time control (DTC) can be
set to provide 0% to 100% dead time by connecting an external resistor between DTC and GND. The oscillator
frequency is set by terminating RT with an external resistor to GND. During low VCC conditions, the UVLO circuit
turns the output off until VCC recovers to its normal operating range.
The TL5002 is characterized for operation from – 40
°C to 85°C.
AVAILABLE OPTIONS
TA
SMALL OUTLINE
(D)
–20
°C to 85°C
TL5002CD
–40
°C to 85°C
TL5002ID
The D package is available taped and reeled. Add the suffix R
to the device type (e.g., TL5002CDR).
functional block diagram
GND
8
OUT
COMP
INV
3
4
–
+
DTC
RT
6
7
PWM/DTC
Comparator
OSC
Amplifier
Error
UVLO
VCC
2
1
Reference
Voltage
IDT
2.5 V
5
NI
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
OUT
VCC
COMP
INV
GND
RT
DTC
NI
D PACKAGE
(TOP VIEW)


Similar Part No. - TL5002CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5002CD TI1-TL5002CD Datasheet
463Kb / 18P
PULSE-SIDTH-MODULATION CONTROL CIRCUIT
TL5002CD TI2-TL5002CD Datasheet
524Kb / 21P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
REVISED AUGUST 2002
TL5002CD.A TI2-TL5002CD.A Datasheet
524Kb / 21P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
REVISED AUGUST 2002
TL5002CDG4 TI1-TL5002CDG4 Datasheet
463Kb / 18P
PULSE-SIDTH-MODULATION CONTROL CIRCUIT
TL5002CDR TI1-TL5002CDR Datasheet
463Kb / 18P
PULSE-SIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL5002CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594 Datasheet
281Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526_06 Datasheet
267Kb / 9P
Pulse Width Modulation Control Circuit
July, 2006 ??Rev. 4
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com