Electronic Components Datasheet Search
  English  ▼

X  

TL5002CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL5002CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5002CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL5002CD Datasheet HTML 6Page - Texas Instruments TL5002CD Datasheet HTML 7Page - Texas Instruments TL5002CD Datasheet HTML 8Page - Texas Instruments TL5002CD Datasheet HTML 9Page - Texas Instruments TL5002CD Datasheet HTML 10Page - Texas Instruments TL5002CD Datasheet HTML 11Page - Texas Instruments TL5002CD Datasheet HTML 12Page - Texas Instruments TL5002CD Datasheet HTML 13Page - Texas Instruments TL5002CD Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TL5002
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS304A – SEPTEMBER 2000 – REVISED AUGUST 2002
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
PARTIAL BILL OF MATERIALS
QUANTITY
REF DES
PART NUMBER
DESCRIPTION
MANUFACTURER
SIZE
1
C1
UUD1C471MNR1GS
Capacitor, aluminum
Nichicon
0.327 x 0.327
6
C2 – C6, C13
EMK325BJ106MN–B
Capacitor, ceramic
Taiyo Yuden
1210
3
C7, C8, C20
GRM40X7R105K16PT
Capacitor, ceramic, jumper
Murata
805
2
C9, C10
EEF–CD0D101R
Capacitor, aluminum
Panasonic
7343
1
C14
08055A102JAT2A
Capacitor, ceramic
AVX
805
1
C15
GRM39X7R104K016D
Capacitor, ceramic
Murata
603
1
C16
NMC0805X7R224K16TR
Capacitor, ceramic
NIP
603
1
C17
VJ0603Y222KXANT
Capacitor, ceramic
Murata
603
1
C18
C0603C223J3RACTU
Capacitor, ceramic
Kemet
603
1
C19
GRM39X7R223K16
Capacitor, ceramic
Murata
603
1
D1
1SMB5919BT3
Diode, zener, 5.6 V
On Semi
SMB
2
J1, J2
ED1609
Terminal block, 2-pin
OST
1
J3
PTC36SAAN
Header, 4-pin
Sullins
1
JP1
PTC36SAAN
Header, 2-pin
Sullins
1
L1
UP2B–1R0
Inductor, SMT
Coiltronics
0.55 x 0.41
1
L2
UP4B–2R2
Inductor, SMT
Coiltronics
4
Q1 – Q4
IRF7811
MOSFET, N–ch, 30 V
IR
SO8
3
R1, R2, R4
Std
Resistor, chip, 4.7
Ω
Std
603
1
R3
Std
Resistor, chip, 2.49 K
Ω
Std
603
2
R5, R6
Std
Resistor, chip, 0
Ω
Std
603
1
R7
Std
Resistor, chip, 20 K
Ω
Std
603
1
R8
Std
Resistor, chip, 162 K
Ω
Std
603
1
R9
Std
Resistor, chip, 1.74 K
Ω
Std
603
1
R10
Std
Resistor, chip, 7.32 K
Ω
Std
603
1
R11
Std
Open
Std
603
1
R12
Std
Resistor, chip, 15 K
Ω
Std
603
1
R13
Std
Resistor, chip, 10
Ω
Std
603
1
R14
Std
Resistor, chip, 10 K
Ω
Std
603
4
TP1 – TP3, TP5
240-345
Test point, red, 1 mm
Farnell
0.038
1
TP4
131-4244-00 or 131-5031-00
Adaptor, 3.5 mm probe
Tektronix
0.200
1
TP6
1045-3-17-15-30-14-02-0
Post, wirewrap
Mill-Max
0.043
1
U1
TPS2837D
IC, MOSFET driver
Texas Instruments
SO8
1
U2
TL5002D
IC, low-cost PMW
Texas Instruments
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com