Electronic Components Datasheet Search
  English  ▼

X  

TL5002CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL5002CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5002CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL5002CD Datasheet HTML 6Page - Texas Instruments TL5002CD Datasheet HTML 7Page - Texas Instruments TL5002CD Datasheet HTML 8Page - Texas Instruments TL5002CD Datasheet HTML 9Page - Texas Instruments TL5002CD Datasheet HTML 10Page - Texas Instruments TL5002CD Datasheet HTML 11Page - Texas Instruments TL5002CD Datasheet HTML 12Page - Texas Instruments TL5002CD Datasheet HTML 13Page - Texas Instruments TL5002CD Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TL5002
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS304A – SEPTEMBER 2000 – REVISED AUGUST 2002
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
– 30
– 20
– 10
0
0
– 10
– 20
– 40
– 50
– 60
– 30
– 40
– 50
– 60
DT Voltage = 1.3 V
TA = 25 °C
IO – RT Output Current – µA
DTC OUTPUT CURRENT
vs
RT OUTPUT CURRENT
Figure 16
1
0.5
0
2
1.5
0
5
10
15
20
IO – Output (Sink) Current – mA
VCC = 6 V
TA = 25 °C
OUTPUT SATURATION VOLTAGE
vs
OUTPUT (SINK) CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com