Electronic Components Datasheet Search
  English  ▼

X  

DS31256 Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 63Page - Maxim Integrated Products DS31256 Datasheet HTML 64Page - Maxim Integrated Products DS31256 Datasheet HTML 65Page - Maxim Integrated Products DS31256 Datasheet HTML 66Page - Maxim Integrated Products DS31256 Datasheet HTML 67Page - Maxim Integrated Products DS31256 Datasheet HTML 68Page - Maxim Integrated Products DS31256 Datasheet HTML 69Page - Maxim Integrated Products DS31256 Datasheet HTML 70Page - Maxim Integrated Products DS31256 Datasheet HTML 71Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
67 of 183
7. HDLC
7.1 General Description
The DS31256 contains two different types of HDLC controllers. Each port has a slow HDLC engine
(type #1) associated with it that can operate in either a channelized mode up to 8.192Mbps or an
unchannelized mode at rates up to 10Mbps. Ports 0 and 1 also have an additional fast HDLC engine
(type #2) that can operate in only an unchannelized fashion up to 52Mbps. Through the Layer 1 registers
(Section 6.2), the host determines which type of HDLC controller is used on a port and if the HDLC
controller is to be operated in either a channelized or unchannelized mode. If the HDLC controller is to
be operated in the channelized mode, then the Layer 1 registers (Section 6.3) also determine which
HDLC channels are associated with which DS0 channels. If the fast HDLC engine is enabled on port 0,
HDLC channel 1 is assigned to it and, likewise, HDLC channel 2 is assigned to the fast HDLC engine on
port 1 if it is enabled.
The HDLC controllers can handle all required normal real-time tasks. Table 7-B lists all the functions
supported by the receive HDLC and Table 7-C lists all the functions supported by the transmit HDLC.
Each of the 256 HDLC channels within the DS31256 are configured by the host through the receive
HDLC channel definition (RHCD) and transmit channel definition (THCD) registers. There is a separate
RHCD and THCD register for each HDLC channel. The host can access the RHCD and THCD registers
indirectly through the RHCDIS indirect select and THCDIS indirect select registers. See Section 7.2 for
details.
On the receive side, one of the outcomes shown in Table 7-A occurs when the HDLC block is processing
a packet. For each packet, one of these outcomes is reported in the receive done-queue descriptor
(Section 9.2.4). On the transmit side, when the HDLC block is processing a packet, an error in the PCI
block (parity or target abort) or transmit FIFO underflow causes the HDLC block to send an abort
sequence (eight 1s in a row) followed continuously by the selected interfill (either 7Eh or FFh) until the
HDLC channel is reset by the transmit DMA block (Section 9.3.1). This same sequence of events will
occur even if the transmit HDLC channel is being operated in the transparent mode. In the transparent
mode, when the FIFO empties the device sends either 7Eh or FFh.
If any of the 256 receive HDLC channels detects an abort sequence, an FCS checksum error, or if the
packet length was incorrect, then the appropriate status bit in SDMA is set. If enabled, the setting of any
of these statuses can cause a hardware interrupt to occur. See Section 5.3.2 for details about the operation
of these status bits.
Table 7-A. Receive HDLC Packet Processing Outcomes
OUTCOME
CRITERIA
EOF/Normal Packet
Integral number of packets > min and < max is received and CRC is okay
EOF/Bad FCS
Integral number of packets > min and < max is received and CRC is bad
Abort Detected
Seven or more 1s in a row detected
EOF/Too Few Bytes
Fewer than 4 or 6 Bytes received
Too Many Bytes
Greater than the packet maximum is received (if detection enabled)
EOF/Bad # of Bits
Not an integral number of bytes received
FIFO Overflow
Tried to write a byte into an already full FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com