Electronic Components Datasheet Search
  English  ▼

X  

DS31256 Datasheet(PDF) 88 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 88 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 84Page - Maxim Integrated Products DS31256 Datasheet HTML 85Page - Maxim Integrated Products DS31256 Datasheet HTML 86Page - Maxim Integrated Products DS31256 Datasheet HTML 87Page - Maxim Integrated Products DS31256 Datasheet HTML 88Page - Maxim Integrated Products DS31256 Datasheet HTML 89Page - Maxim Integrated Products DS31256 Datasheet HTML 90Page - Maxim Integrated Products DS31256 Datasheet HTML 91Page - Maxim Integrated Products DS31256 Datasheet HTML 92Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
88 of 183
Figure 9-1. Receive DMA Operation
Free Data Buffer Address
00h
08h
10h
Free Queue Descriptors
(circular queue)
00h
04h
08h
Done Queue Descriptors
(circular queue)
Open Descriptor Space
Available for Use by the DMA
Data Buffer Address
Unused
Timestamp
CH #2
Status
0Ch
Free Data Buffer
(up to 8188 bytes)
Free Data Buffer
(up to 8188 bytes)
First Filled
Data Buffer
for Channel 2
Free Packet Descriptors & Data Buffers
Used Packet Descriptors & Data Buffers
Single Filled
Data Buffer
for Channel 5
Second Filled
Data Buffer
for Channel 2
Last Filled
Data Buffer
for Channel 2
Single Filled
Data Buffer
for Channel 9
dmarbd
unused
Free Desc. Ptr.
Free Desc. Ptr.
Free Desc. Ptr.
unused
unused
Free Data Buffer Address
Free Data Buffer Address
Open Descriptor Space
Available for Use by the DMA
# Bytes Next Desc. Ptr.
Data Buffer Address
Timestamp
CH #5
Status # Bytes Next Desc. Ptr.
Data Buffer Address
Timestamp
CH #2
Status # Bytes Next Desc. Ptr.
Data Buffer Address
Timestamp
CH #2
Status # Bytes Next Desc. Ptr.
Data Buffer Address
Timestamp
CH #9
Status # Bytes Next Desc. Ptr.
EOF Status
CH #5
Desc. Ptr.
EOF Status
CH #2
Desc. Ptr.
EOF Status
CH #9
Desc. Ptr.
EOF Status
CH #
Desc. Ptr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com