Electronic Components Datasheet Search
  English  ▼

X  

DS31256 Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 44Page - Maxim Integrated Products DS31256 Datasheet HTML 45Page - Maxim Integrated Products DS31256 Datasheet HTML 46Page - Maxim Integrated Products DS31256 Datasheet HTML 47Page - Maxim Integrated Products DS31256 Datasheet HTML 48Page - Maxim Integrated Products DS31256 Datasheet HTML 49Page - Maxim Integrated Products DS31256 Datasheet HTML 50Page - Maxim Integrated Products DS31256 Datasheet HTML 51Page - Maxim Integrated Products DS31256 Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
48 of 183
6.2 Port Register Descriptions
Receive-Side Control Bits (one each for all 16 ports)
Register Name:
RP[n]CR, where n = 0 to 15 for each port
Register Description:
Receive Port [n] Control Register
Register Address:
See the Register Map in Section 4.
Bit #
7
6
5
4
3
2
1
0
Name
RSS1
RSS0
RSD1
RSD0
VRST
RISE
RIDE
RICE
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
RCOFA
IERC
VLB
VTO
n/a
LLB
RUEN
RP[i]HS
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Invert Clock Enable (RICE)
0 = do not invert clock (normal mode)
1 = invert clock (inverted clock mode)
Bit 1/Invert Data Enable (RIDE)
0 = do not invert data (normal mode)
1 = invert data (inverted data mode)
Bit 2/Invert Sync Enable (RISE)
0 = do not invert sync pulse (normal mode)
1 = invert sync pulse (inverted sync pulse mode)
Bit 3/V.54 Detector Reset (VRST). Toggling this bit from 0 to 1 and then back to 0 causes the internal V.54
detector to be reset and begin searching for the V.54 loop-up pattern. See Section 6.4 for more details.
Bit 4/Sync Delay Bit 0 (RSD0); Bit 5/Sync Delay Bit 1 (RSD1). These two bits define the format of the sync
signal that is applied to the RS[n] input. These bits are ignored if the port has been configured to operate in an
unchannelized fashion (RUEN = 1).
00 = sync pulse is 0 clocks early
01 = sync pulse is 1/2 clock early
10 = sync pulse is 1 clock early
11 = sync pulse is 2 clocks early
Bit 6/Sync Select Bit 0 (RSS0); Bit 7/Sync Select Bit 1 (RSS1). These two bits select the mode in which each
port is to be operated. Each port can be configured to accept 24, 32, 64, or 128 DS0 channels at an 8kHz rate.
These bits are ignored if the port has been configured to operate in an unchannelized fashion (RUEN = 1).
00 = T1 Mode (24 DS0 channels and 193 RC clocks between RS sync signals)
01 = E1 Mode (32 DS0 channels and 256 RC clocks between RS sync signals)
10 = 4.096MHz Mode (64 DS0 channels and 512 RC clocks between RS sync signals)
11 = 8.192MHz Mode (128 DS0 channels and 1024 RC clocks between RS sync signals)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com