Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5471GHK Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320VC5471GHK
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHK Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320VC5471GHK Datasheet HTML 72Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 73Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 74Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 75Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 76Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 77Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 78Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 79Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
Electrical Specifications
67
June 2001 – Revised December 2002
SPRS180C
6.11.2
McBSP General-Purpose Timings
Table 6–18 and Table 6–19 assume testing over recommended operating conditions (see Figure 6–18).
Table 6–18. McBSP General-Purpose Timing Requirements
MIN
MAX
UNIT
tsu(BGPIO-COH)
Setup time, BGPIOx input mode before DSP_CLKOUT high†
9
ns
th(COH-BGPIO)
Hold time, BGPIOx input mode after DSP_CLKOUT high†
0
ns
† BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input.
Table 6–19. McBSP General-Purpose Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(COH-BGPIO)
Delay time, DSP_CLKOUT high to BGPIOx output mode‡
–10
10
ns
‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output.
NOTE: Only the DSP subsystem can access the McBSPs as GPIOs; they are not available to the ARM subsystem.
tsu(BGPIO-COH)
th(COH-BGPIO)
td(COH-BGPIO)
DSP_CLKOUT
BGPIOx Input
Mode†
BGPIOx Output
Mode‡
† BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input.
‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output.
Figure 6–18. McBSP General-Purpose I/O Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com