Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5471GHK Datasheet(PDF) 85 Page - Texas Instruments

Part # TMS320VC5471GHK
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHK Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320VC5471GHK Datasheet HTML 81Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 82Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 83Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 84Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 85Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 86Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 87Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 88Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
Electrical Specifications
76
June 2001 – Revised December 2002
SPRS180C
6.13 I2C Bus Timings
Table 6–30 through Table 6–32 assume testing over recommended operating conditions (see Figure 6–30
through Figure 6–32).
Table 6–30. I2C Bus Device Switching Characteristics of the SDA and SCL Bus Lines
PARAMETER
STANDARD
MODE
FAST
MODE
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tc(SCL)
Cycle time, SCL
10
2.5
µs
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
tr(SCL)
Rise time, SCL
1000
300
ns
tf(SCL)
Fall time, SCL
300
300
ns
tr(SDA)
Rise time, SDA
1000
300
ns
tf(SDA)
Fall time, SDA
300
300
ns
tw(SP)
Pulse duration, spike suppression
0
50
ns
tsu(SDA–SCLH)
Setup time, SCL high after SDA valid
250
100
ns
th(SDA–SCLL)
Hold time, SCL low after SDA invalid
0
3.45
0
0.9
µs
tc(SCL)
SCL
SDA
tsu(SDA–SCLH)
th(SDA–SCLL)
tw(SCLL)
tw(SCLH)
tr(SCL)
tf(SCL)
tf(SDA)
tr(SDA)
tw(SP)
Figure 6–30. Definition of Timing on the I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com