Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5471GHK Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320VC5471GHK
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHK Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320VC5471GHK Datasheet HTML 75Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 76Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 77Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 78Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 79Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 80Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 81Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 82Page - Texas Instruments TMS320VC5471GHK Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
Electrical Specifications
70
June 2001 – Revised December 2002
SPRS180C
High inactive state without delay; the McBSP transmits data on the falling edge of BCLKX and receives data
on the rising edge of BCLKR.
Table 6–24 and Table 6–25 assume testing over recommended operating conditions, CLKSTP = 10b,
CLKXP = 1, and H = 0.5tc(CO) (see Figure 6–21).
NOTE: For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting
CLKSM = CLKGDV = 1.
Table 6–24. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b and CLKXP = 1)
MASTER
SLAVE
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(BDRV-BCKXH)
Setup time, BDR valid before BCLKX high
12
– 12H
ns
th(BCKXH-BDRV)
Hold time, BDR valid after BCLKX high
0
12H + 5
ns
tsu(BFXL-BCKXL)
Setup time, BFSX low before BCLKX low
10
ns
tc(BCKX)
Cycle time, BCLKX
12H
32H
ns
Table 6–25. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 10b and CLKXP = 1)
PARAMETER
MASTER†
SLAVE
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
th(BCKXH-BFXL)
Hold time, BFSX low after BCLKX high‡
T – 6
T + 6
ns
td(BFXL-BCKXL)
Delay time, BFSX low to BCLKX low§
C – 6
C + 6
ns
td(BCKXL-BDXV)
Delay time, BCLKX low to BDX valid
– 3
7
6H + 5
10H + 14
ns
tdis(BCKXH-BDXHZ)
Disable time, BDX high impedance following last data bit from
BCLKX high
D – 2
D + 3
ns
tdis(BFXH-BDXHZ)
Disable time, BDX high impedance following last data bit from BFSX
high
2H + 3
6H + 17
ns
td(BFXL-BDXV)
Delay time, BFSX low to BDX valid
4H – 2
8H + 17
ns
† T = BCLKX period = (1 + CLKGDV) * 2H
C = BCLKX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * 2H when CLKGDV is even
‡ FSRP = FSXP = 1. As a SPI master, BFSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on BFSX
and BFSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
§ BFSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(BCLKX).
tsu(BFXL-BCKXL)
th(BCKXH-BDRV)
tdis(BFXH-BDXHZ)
tdis(BCKXH-BDXHZ)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
BCLKX
BFSX
BDX
BDR
td(BFXL-BCKXL)
td(BFXL-BDXV)
td(BCKXL-BDXV)
tsu(BDRV-BCKXH)
th(BCKXH-BFXL)
LSB
MSB
tc(BCKX)
Figure 6–21. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com