Electronic Components Datasheet Search
  English  ▼

X  

PEF80902 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # PEF80902
Description  4B3T Second Gen. Modular ISDN NT(Ordinary)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF80902 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button PEF80902 Datasheet HTML 35Page - Infineon Technologies AG PEF80902 Datasheet HTML 36Page - Infineon Technologies AG PEF80902 Datasheet HTML 37Page - Infineon Technologies AG PEF80902 Datasheet HTML 38Page - Infineon Technologies AG PEF80902 Datasheet HTML 39Page - Infineon Technologies AG PEF80902 Datasheet HTML 40Page - Infineon Technologies AG PEF80902 Datasheet HTML 41Page - Infineon Technologies AG PEF80902 Datasheet HTML 42Page - Infineon Technologies AG PEF80902 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
PEF 80902
Functional Description
Data Sheet
31
2001-11-12
Acknowledge Sent / Receive
After having sent the awake signal, the U-transceiver has received the acknowledge
wake tone. If being awoken the U-transceiver has sent the acknowledge. In both cases
the U-transceiver waits for possible repetition or time-out.
Awake Signal Sent
The NT has sent out the awake signal U1W and waits now for a response. If the LT does
not react in time timer T6 expires and the NT repeats its wake-up call.
Deactivated
Only in “Deactivated” state the device may enter the power-down mode.
Deactivating
State Deactivating assures that the C/I-channel code DC is issued four times before
entering the ’Deactivated’ state.
IOM® Awaked
The U-transceiver is deactivated, but may not enter the power-down mode.
Loss of Framing
This state is entered on loss of framing (LOF). No signal is transmitted on the U-interface.
A receiver-reset is performed by.
Note that there is no return to the ’Transparent’ state that has been possible before in
the former IEC-T based state machine.
Pending Deactivation
The U-transceiver has received U0. The U-transceiver remains at least 0.5ms in this
state before it accepts DI.
SBC Synchronizing
The NT is now synchronized and indicates this by AR/ARL towards the downstream
device. The NT waits for the acknowledge ’AI’ from the downstream device.
Sending Awake-Ack.
On the receipt of the awake signal U2W the U-transceiver responds with the
transmission of U1W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com