Electronic Components Datasheet Search
  English  ▼

X  

PEF80902 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PEF80902
Description  4B3T Second Gen. Modular ISDN NT(Ordinary)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF80902 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PEF80902 Datasheet HTML 1Page - Infineon Technologies AG PEF80902 Datasheet HTML 2Page - Infineon Technologies AG PEF80902 Datasheet HTML 3Page - Infineon Technologies AG PEF80902 Datasheet HTML 4Page - Infineon Technologies AG PEF80902 Datasheet HTML 5Page - Infineon Technologies AG PEF80902 Datasheet HTML 6Page - Infineon Technologies AG PEF80902 Datasheet HTML 7Page - Infineon Technologies AG PEF80902 Datasheet HTML 8Page - Infineon Technologies AG PEF80902 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
T-SMI N TO
4B3 T S ec ond Gen.
M od ul ar I SDN NT
( O rd i nar y)
PE F 8090 2 V e rsion 1.1
Da ta S h ee t, D S 1, N o v . 20 01
Wir e d
Commun i c a tions
Ne ve r
sto p
th ink i ng .


Similar Part No. - PEF80902

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF81912 INFINEON-PEF81912 Datasheet
2Mb / 276P
Q-SMINT짰IX 2B1Q Second Gen. Modular ISDN NT (Intelligent eXtended)
2001-03-30 Version 1.3
PEF81913 INFINEON-PEF81913 Datasheet
2Mb / 276P
Q-SMINT짰IX 2B1Q Second Gen. Modular ISDN NT (Intelligent eXtended)
2001-03-30 Version 1.3
PEF82902 INFINEON-PEF82902 Datasheet
3Mb / 205P
4B3T Second Gen Modular ISDN NT
DS 1, Nov. 2001
PEF82912 INFINEON-PEF82912 Datasheet
3Mb / 240P
2B1Q Second Gen. Modular ISDN NT
Version 1.3 2001-03-30
PEF82913 INFINEON-PEF82913 Datasheet
3Mb / 240P
2B1Q Second Gen. Modular ISDN NT
Version 1.3 2001-03-30
More results

Similar Description - PEF80902

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF81912 INFINEON-PEF81912 Datasheet
2Mb / 276P
Q-SMINT짰IX 2B1Q Second Gen. Modular ISDN NT (Intelligent eXtended)
2001-03-30 Version 1.3
logo
EPCOS
B78421A1721A003 EPCOS-B78421A1721A003_08 Datasheet
97Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1115A005 EPCOS-B78386P1115A005 Datasheet
86Kb / 5P
ISDN transformers UK0 interface, 4B3T RM 6, 5.5 mH, 0.66:0.66:1
B78386P1648A005 EPCOS-B78386P1648A005_08 Datasheet
78Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78388P1254A005 EPCOS-B78388P1254A005_08 Datasheet
75Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1114A005 EPCOS-B78386P1114A005 Datasheet
75Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78421P1649A005 EPCOS-B78421P1649A005_08 Datasheet
73Kb / 5P
ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
logo
Infineon Technologies A...
PEF24901 INFINEON-PEF24901 Datasheet
1Mb / 111P
Quad ISDN 4B3T Echocanceller Digital Front End
DS1, Sep. 2002
PEF82902 INFINEON-PEF82902 Datasheet
3Mb / 205P
4B3T Second Gen Modular ISDN NT
DS 1, Nov. 2001
PEF82912 INFINEON-PEF82912 Datasheet
3Mb / 240P
2B1Q Second Gen. Modular ISDN NT
Version 1.3 2001-03-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com