Electronic Components Datasheet Search
  English  ▼

X  

PEF80902 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # PEF80902
Description  4B3T Second Gen. Modular ISDN NT(Ordinary)
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF80902 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button PEF80902 Datasheet HTML 18Page - Infineon Technologies AG PEF80902 Datasheet HTML 19Page - Infineon Technologies AG PEF80902 Datasheet HTML 20Page - Infineon Technologies AG PEF80902 Datasheet HTML 21Page - Infineon Technologies AG PEF80902 Datasheet HTML 22Page - Infineon Technologies AG PEF80902 Datasheet HTML 23Page - Infineon Technologies AG PEF80902 Datasheet HTML 24Page - Infineon Technologies AG PEF80902 Datasheet HTML 25Page - Infineon Technologies AG PEF80902 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
PEF 80902
Functional Description
Data Sheet
14
2001-11-12
2.2
IOM-2 Interface
The IOMâ-2 interface always operates in NT mode according to the IOMâ-2 Reference
Guide [12].
2.2.1
IOMâ-2 Functional Description
The IOMâ-2 interface consists of four lines: FSC, DCL, DD, DU. The rising edge of FSC
indicates the start of an IOMâ-2 frame. The DCL clock signal synchronizes the data
transfer on both data lines DU and DD. The DCL is twice the bit rate. The bits are shifted
out with the rising edge of the first DCL clock cycle.
Note: It is not possible to write any data via IOMâ-2 into the T-SMINTâO.
The IOMâ-2 interface can be enabled/disabled with pin DIO.
The FSC signal is an 8 kHz frame sync signal. The number of PCM timeslots on the
transmit line is determined by the frequency of the DCL clock , with the 512 kHz clock 1
channel consisting of 4 timeslots is available.
IOM
®-2 Frame Structure of the T-SMINTâO
The frame structure on the IOMâ-2 data ports (DU,DD) of the T-SMINTâO with a DCL
clock of 512 kHz is shown in Figure 4.
•
Figure 4
IOM-2 Frame Structure of the T-SMINTâO
The frame is composed of one channel:
• Channel 0 contains 144-kbit/s of user and signaling data (2B + D), a MONITOR
programming channel (not available in T-SMINTâO) and a command/indication
channel (CI0) for control of e.g. the U-transceiver.
macro_19_QSMINTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com