Electronic Components Datasheet Search
  English  ▼

X  

SLTS102A Datasheet(PDF) 5 Page - Texas Instruments

Part # SLTS102A
Description  14-A 12V-Input Adjustable Integrated Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS102A Datasheet(HTML) 5 Page - Texas Instruments

  SLTS102A Datasheet HTML 1Page - Texas Instruments SLTS102A Datasheet HTML 2Page - Texas Instruments SLTS102A Datasheet HTML 3Page - Texas Instruments SLTS102A Datasheet HTML 4Page - Texas Instruments SLTS102A Datasheet HTML 5Page - Texas Instruments SLTS102A Datasheet HTML 6Page - Texas Instruments SLTS102A Datasheet HTML 7Page - Texas Instruments SLTS102A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Using the Standby Function of the PT6725
Series of Integrated Switching Regulators
The PT6725 series of power modules are high efficiency
regulators that operate off a +12V input bus voltage.
These regulators incorporate an on/off ‘Standby’ func-
tion, which may be used to disable the regulator output.
The standby function is provided by the STBY* control,
pin 2. If pin 2 is left open-circuit the regulator operates
normally, and provides a regulated output when a valid
supply voltage is applied to Vin (pins 4–6) with respect to
GND (pins 8–12). If a low voltage 3 is then applied to
pin 2 the regulator output will be disabled and the input
current drawn by the ISR will be reduced to 0.5mA 1.
The standby control may also be used to hold-off the
regulator output during the period that input power is
applied.
Pin 2 is ideally controlled with an open-collector (or
open-drain) discrete transistor (See Figure 1). The open-
circuit voltage is typcially the input voltage Vin. Table 1
gives the circuit parameters for this control input.
Table 1 Standby Control Requirements (2, 3)
Parameter
Min
Typ
Max
Input Low (VIL)
–0.1V
+0.4V
Istby (pin 2 =ground)
—
–0.5mA
—
Vstby (open circuit)
—
Vin
—
Notes:
1. When the regulator output is disabled the current drawn
from the +Vin input source is typically reduced to 0.5mA.
2 The standby control input requires no external pull-up
resistor. The open-circuit voltage of the STBY* pin is
approximately th input voltage Vin (+12V).
3. The standby control input is Not compatible with TTL
devices that incorporate a totem-pole output drive. Use
only a true open-collector device, preferably a discrete
bipolar transistor (or MOSFET). To ensure the regulator
output is disabled, the control pin must be pulled to less
than 0.4Vdc with a low-level 0.5mA sink to ground.
4. After Q1 in Figure 1 is turned off and before the output
begins to rise, the regulator output will assert a low
impedance to ground. If an external voltage is applied to
the output it will sink current and possibly over-stress the
part.
Figure 1
Turn-On Time:
In the circuit of Figure 1, turning Q1 on
applies a low voltage to the STBY control (pin 2) and
disables the regulator ouput. Correspondingly, turning
Q1 off removes the low-voltage signal and enables the
output. Once enabled, the output will typically experience
a 10–15ms delay followed by a predictable ramp-up of
voltage. The regulator should provide a fully regulated
output voltage within 30ms. Figure 2 shows the output
voltage response, Vo, of a PT6726 (2.5V) following the
turn-off of Q1. The turn-off of Q1 corresponds to the
rise in Vstby. The waveform was measured with a 12Vdc
input voltage, and 9.3ADC resistive load.
Figure 2
PT6725
Sense(+)
Sense(–)
V
OUT
GND
Vo(adj)
V
IN
STBY*
13–16
17
7
1
8–12
4–6
2
C
OUT
+
C
IN
+
STBY
+V
in
GND
GND
V
out
Q1
BSS138
PT6725 Series
Vo (1V/Div)
Vstby (10V/Div)
HORIZ SCALE: 5ms/Div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com