Electronic Components Datasheet Search
  English  ▼

X  

SLTS102A Datasheet(PDF) 7 Page - Texas Instruments

Part # SLTS102A
Description  14-A 12V-Input Adjustable Integrated Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS102A Datasheet(HTML) 7 Page - Texas Instruments

  SLTS102A Datasheet HTML 1Page - Texas Instruments SLTS102A Datasheet HTML 2Page - Texas Instruments SLTS102A Datasheet HTML 3Page - Texas Instruments SLTS102A Datasheet HTML 4Page - Texas Instruments SLTS102A Datasheet HTML 5Page - Texas Instruments SLTS102A Datasheet HTML 6Page - Texas Instruments SLTS102A Datasheet HTML 7Page - Texas Instruments SLTS102A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT6705/PT6715 Series
Series Pt #
PT6729
PT6728
PT6727
PT6726
Vo (nom)
1.2V
1.5V
1.8V
2.5V
Va (req’d)
1.1
(5.1)k
Ω
1.15
(45.1)k
Ω
1.2
1.25
135.0k
Ω
1.3
55.1k
Ω
1.35
28.4k
Ω
1.4
15.1k
Ω
1.45
7.1k
Ω
1.474.7
k
Ω
(18.1)k
Ω
1.5
1.8k
Ω
1.55
209.0k
Ω
1.6
79.6k
Ω
1.65
36.5k
Ω
1.714.9k
Ω
1.75
(46.1)k
Ω
1.8
1.85
204.0k
Ω
1.9
77.1k
Ω
1.95
34.8k
Ω
2.0
13.6k
Ω
2.05
2.1
2.15
2.2
2.25
(6.0)k
Ω
2.3
(18.3)k
Ω
2.35
(38.8)k
Ω
2.4
(79.8)k
Ω
2.45
(203.0)k
Ω
2.5
2.55
221.0k
Ω
2.6
93.8k
Ω
2.65
51.5k
Ω
2.730.3k
Ω
2.75
17.6k
Ω
2.8
9.1k
Ω
2.85
3.1k
R1 = (Blue)
R2 = Black
Table 1
ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6729
PT6728
PT6727
PT6726
PT6725
PT6724
Vo (nom)
1.2
1.5
1.8
2.5
3.3
5.0
Va (min)
1.09
1.47
1.75
2.25
2.75
4.01
Va (max)
1.52
1.73
2.0
2.85
3.75
5.47
Vr (V)
0.8
1.271.271.271.271.27
Ro (k
Ω
Ω
Ω
Ω
Ω)
10.0
10.2
10.0
10.0
10.0
9.09
Rs (k
Ω
Ω
Ω
Ω
Ω)
24.9
49.9
49.9
33.2
24.9
24.9
Table 2
ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6725
PT6724
Vo (nom)
3.3V
5.0
Va (req’d)
2.75
(2.0)k
Ω
2.8
(5.7)k
Ω
2.85
(10.2)k
Ω
2.9
(15.9)k
Ω
2.95
(23.1)k
Ω
3.0
(32.8)k
Ω
3.05
(46.3)k
Ω
3.1
(66.6)k
Ω
3.15
(100.0)k
Ω
3.2
(168.0)k
Ω
3.25
(371.0)k
Ω
3.3
3.35
229.0k
Ω
3.4
102.0k
Ω
3.45
59.8k
Ω
3.5
38.6k
Ω
3.55
25.9k
Ω
3.6
17.4k
Ω
3.65
11.4k
Ω
3.76.9k
Ω
3.75
3.3k
Ω
·
4.1
(3.7)k
Ω
4.2
(8.4)k
Ω
4.3
(14.4)k
Ω
4.4
(22.5)k
Ω
4.5
(33.8)k
Ω
4.6
(50.8)k
Ω
4.7
(79.0)k
Ω
4.8
(136.0)k
Ω
4.9
(305.0)k
Ω
5.0
5.1
90.5k
Ω
5.2
32.8k
Ω
5.3
13.6k
Ω
5.4
4.0k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com