Electronic Components Datasheet Search
  English  ▼

X  

SLTS102A Datasheet(PDF) 3 Page - Texas Instruments

Part # SLTS102A
Description  14-A 12V-Input Adjustable Integrated Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS102A Datasheet(HTML) 3 Page - Texas Instruments

  SLTS102A Datasheet HTML 1Page - Texas Instruments SLTS102A Datasheet HTML 2Page - Texas Instruments SLTS102A Datasheet HTML 3Page - Texas Instruments SLTS102A Datasheet HTML 4Page - Texas Instruments SLTS102A Datasheet HTML 5Page - Texas Instruments SLTS102A Datasheet HTML 6Page - Texas Instruments SLTS102A Datasheet HTML 7Page - Texas Instruments SLTS102A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
Characteristic Data; Vin =12V (See Note A)
Efficiency vs Output Current
Power Dissipation vs Output Current
Safe Operating Area; Vin =12V (See Note B)
Output Ripple vs Output Current
PT6725 Series
14-A 12V-Input Adjustable
Integrated Switching Regulator
PT6724, Vo =5.0V
PT6725, Vo =3.3V
PT6726, Vo =2.5V
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
PT6729, Vo =1.2V
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
50
60
70
80
90
100
02
46
8
10
12
14
Iout (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
VOUT
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
Iout (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
VOUT
0
2
4
6
8
10
0
2468
10
12
14
Iout (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
VOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com