Electronic Components Datasheet Search
  English  ▼

X  

MICRF300 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF300
Description  100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF300 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF300 Datasheet HTML 1Page - Micrel Semiconductor MICRF300 Datasheet HTML 2Page - Micrel Semiconductor MICRF300 Datasheet HTML 3Page - Micrel Semiconductor MICRF300 Datasheet HTML 4Page - Micrel Semiconductor MICRF300 Datasheet HTML 5Page - Micrel Semiconductor MICRF300 Datasheet HTML 6Page - Micrel Semiconductor MICRF300 Datasheet HTML 7Page - Micrel Semiconductor MICRF300 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micrel, Inc.
MICRF300
April 2012
4
M9999-041712-B
Typical Characteristics
Supply Current
vs Enable Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Enable Input Current
vs Enable Voltage
0
5
10
15
20
25
30
35
40
45
50
55
60
Supply Current vs Supply
Voltage
1.5
2.0
2.5
3.0
3.5
4.0
+125ºC
+125ºC
1.8
2.4
3
3.6
SUPPLY VOLTAGE (V)
+85ºC
+25ºC
-40ºC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ENABLE VOLTAGE (V)
+85ºC
0.0
0.6
1.2
1.8
2.4
3.0
3.6
ENABLE VOLTAGE (V)
+25ºC
+125ºC
-40ºC
VCC = 2.7V
+85ºC
-40ºC
+25ºC
IIP3 vs Supply Voltage
fRF = 315MHz
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
1.8
2.1
2.4
2.7
3.0
3.3
3.6
SUPPLY VOLTAGE (V)
Input P1dB vs Supply Voltage
fRF = 315MHz
-29
-28
-27
-26
-25
-24
1.8
2.1
2.4
2.7
3.0
3.3
3.6
SUPPLY VOLTAGE (V)
Gain vs Supply Voltage
fRF = 315MHz
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
+125ºC
+85ºC
+25ºC
-40ºC
+125ºC
+85ºC
+25ºC
-40ºC
1.8
2.1
2.4
2.7
3.0
3.3
3.6
SUPPLY VOLTAGE (V)
+125ºC
+25ºC
-40ºC
IIP3 vs Supply Voltage
fRF = 433.92MHz
-17
-16
-15
-14
-13
-12
-11
-10
-9
-18
1.8
2.1
2.4
2.7
3.0
3.3
3.6
SUPPLY VOLTAGE (V)
+125ºC
+85ºC
+25ºC
-40ºC
Input P1dB vs Supply Voltage
fRF = 433.92MHz
-27
-26
-25
-24
-23
-22
-28
1.8
2.1
2.4
2.7
3.0
3.3
3.6
SUPPLY VOLTAGE (V)
+125ºC
+85ºC
+25ºC
-40ºC
Gain vs Supply Voltage
fRF = 433.92MHz
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
1.8
2.1
2.4
2.7
3.0
3.3
3.6
SUPPLY VOLTAGE (V)
+125ºC
+25ºC
-40ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com