Electronic Components Datasheet Search
  English  ▼

X  

MICRF300 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF300
Description  100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF300 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF300 Datasheet HTML 1Page - Micrel Semiconductor MICRF300 Datasheet HTML 2Page - Micrel Semiconductor MICRF300 Datasheet HTML 3Page - Micrel Semiconductor MICRF300 Datasheet HTML 4Page - Micrel Semiconductor MICRF300 Datasheet HTML 5Page - Micrel Semiconductor MICRF300 Datasheet HTML 6Page - Micrel Semiconductor MICRF300 Datasheet HTML 7Page - Micrel Semiconductor MICRF300 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micrel, Inc.
MICRF300
April 2012
3
M9999-041712-B
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)..................................-0.3V to +3.9V
EN Voltage (VEN). ............................. −0.3V to VCC + 0.3V
Maximum Junction Temperature (TJ)....................+150ºC
Storage Temperature (TS)......................−65ºC to +150°C
Lead Temperature (soldering, 10sec.)..................+260°C
Maximum Input Power .................. +10dBm (50
Ω source)
ESD Rating
(3)
HBM...................................................................1.5kV
MM..................................................................... 100V
Operating Ratings
(2)
Supply Voltage (VCC) ............................. +1.8V to +3.6V
EN Voltage (VEN) ............................................ 0V to VCC
Ambient Temperature (TA)..................–40°C to +125°C
RFIN DC voltage .........................................AC coupled
Frequency Range ........................ 100MHz to 1000MHz
Thermal Resistance (
θJA) ................................ 260˚C/W
ELECTRICAL CHARACTERISTICS TABLE
(4)
VCC = +2.7V, TA = +25°C, bold values indicate –40°C≤ TA ≤ +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
VEN = 0V, TA = +25ºC
0.05
0.5
Shutdown Current (ISHDN)
VEN = 0V
1
μA
Operating Supply Current (ICC)
VEN = VCC
2.5
4
mA
EN Logic-Low (VIL)
0.2
V
EN Logic-High (VIH)
1.2
V
VEN = 0.2V
20
nA
EN Input Current
VEN = 2.2V
28
40
μA
fRF = 315MHz
18.5
fRF = 433.92MHz
14
18.3
Gain
fRF = 900MHz
10
13.6
dB
fRF = 315MHz
1.15
fRF = 433.92MHz
1.15
Noise Figure (NF)
fRF = 900MHz
1.7
dB
fRF = 315MHz
–15
fRF = 433.92MHz
–13
Input 3
rd Order Intercept Point (IIP3)
(Note 5)
fRF = 900MHz
–10
dBm
fRF = 315MHz
–27
fRF = 433.92MHz
–25
Input 1dB compression (P1dB)
fRF = 900MHz
–21
dBm
Enable Time
fRF = 315MHz; 433.92MHz
10
μs
Disable Time
fRF = 315MHz; 433.92MHz
10
μs
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4.
Specification for packaged product only.
5.
IIP3 is measured with two tones located at 433MHz and 433.92MHz or 899MHz and 900MHz with -40dBm/tone.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com