Electronic Components Datasheet Search
  English  ▼

X  

MICRF300 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF300
Description  100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF300 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF300 Datasheet HTML 1Page - Micrel Semiconductor MICRF300 Datasheet HTML 2Page - Micrel Semiconductor MICRF300 Datasheet HTML 3Page - Micrel Semiconductor MICRF300 Datasheet HTML 4Page - Micrel Semiconductor MICRF300 Datasheet HTML 5Page - Micrel Semiconductor MICRF300 Datasheet HTML 6Page - Micrel Semiconductor MICRF300 Datasheet HTML 7Page - Micrel Semiconductor MICRF300 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MICRF300
100MHz to 1000MHz, 1.8 to 3.6V,
Low-Noise Amplifier with Shutdown
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MICRF300 is a low-noise amplifier (LNA) with low-
power shutdown mode, which operates over the
100MHz to 1000MHz frequency band. The device is
targeted for low-power, low-data rate applications at
315/433MHz, achieving a low 1.2dB noise figure with
18dB of gain, helping to improve receiver noise figure
and sensitivity. The device also performs well at
868/915MHz, achieving 13dB of gain and a noise figure
of 1.7dB. The device requires a simple input matching
network and output matching network to optimize
performance for the desired frequency band.
The MICRF300 operates over the 1.8V to 3.6V voltage
range. Consuming a low 2.5mA of supply current during
operation and a typical 50nA of shutdown current, the
MICRF300 is an ideal solution for battery powered
equipment. The device is available in 6-pin SC70
package and is rated to operate over the -40˚C to
+125˚C temperature range.
Features
• 1.8V to 3.6V supply voltage range
• 2.5mA operating supply current
• 1μA (Max) shutdown current over temperature
• 18.3dB gain at 315MHz/433.92MHz
• 1.15dB noise figure at 315MHz/433.92MHz
• -25dBm input P1dB compression point at 433.92MHz
• -40˚C to +125˚C operating temperature range
• Small 6-pin SC70 package
Applications
• Security systems
• Remote keyless entry (RKE)
• Tire pressure monitoring (TPMS)
• Automated meter reading (AMR)
• Garage door openers (GDO)
• Remote weatherstations
Typical Application Circuit
Typical Performance and Matching Component Values
fRF
(MHz)
ICC
(mA)
Gain
(dB)
NF
(dB)
IP1dB
(dBm)
IIP3
(dBm)
L1
(nH)
C1
(pF)
L2
(nH)
C2
(pF)
315
2.5
18.5
1.15
-26.5
-15
33
1000
47
5.6
433.92
2.5
18.3
1.15
-25
-13
22
1000
33
3.9
900
2.5
13.6
1.7
-21
-10
2.7
270
10
1.8
April 2012
M9999-041712-B
RadioTech@micrel.com or (408) 944-0800


Similar Part No. - MICRF300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF300YC6 MICREL-MICRF300YC6 Datasheet
232Kb / 8P
100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
More results

Similar Description - MICRF300

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
logo
Maxim Integrated Produc...
MAX2649 MAXIM-MAX2649 Datasheet
154Kb / 7P
5GHz Low-Noise Amplifier with Shutdown
Rev 1; 8/03
logo
RF Micro Devices
RF6886 RFMD-RF6886 Datasheet
1Mb / 16P
3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
Micrel Semiconductor
MICRF300YC6 MICREL-MICRF300YC6 Datasheet
232Kb / 8P
100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
RF Micro Devices
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
SGL0163Z RFMD-SGL0163Z Datasheet
708Kb / 9P
100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
Renesas Technology Corp
F0109 RENESAS-F0109 Datasheet
1Mb / 17P
Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
Jan 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com