Electronic Components Datasheet Search
  English  ▼

X  

XE2003 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XE2003
Description  CAPACITIVE SENSOR INTERFACE CIRCUIT WITH GAIN AND OFFSET ADJUSTMENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE2003 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XE2003 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
;(
&DSDFLWLYH6HQVRU,QWHUIDFH&LUFXLW
BBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBB

7<3,&$/$33/,&$7,21
$ W\SLFDO DSSOLFDWLRQ RI WKH ;( FLUFXLW LV LQWHUIDFLQJ D VHQVRU WKDW LV FRPSRVHG RI WZR DFWLYH FDSDFLWDQFHV
WKDWYDU\LQ DGLIIHUHQWLDOZD\
7KH ILJXUH VKRZV WKH VLPSOH FRQQHFWLRQ RI WKH FLUFXLW ZLWK WKH RSWLRQDO &IH[W 7KH VXSSO\ YROWDJHV FDQ EH WDNHQ
IURP D VLQJOH  9ROW VRXUFH RU WZR  9ROW VRXUFHV 2)$'- PXVW EH FRQQHFWHG WR $*1' ZKHQ WKH RIIVHW
DGMXVWPHQWRSWLRQLV QRWXVHG9287 PXVWEHPHDVXUHGZLWKUHVSHFWWR$*1'
VGND
VSS
VOUT
CF(optional)
VDD
C1
C2
capacitive
sensor
1
2
3
4
5
6
7
14
13
12
11
89
10
GAIN
OFADJ
AGND
CF
VM
VSSA
VOUT
VSSD
C2
CM
VDD
C1
NC
NC
15
16
NC
NC
VSS
VSS
+
-
VDD
VGND
10 µF +100nF
10 µF +100nF
5V
OR
10 µF +100nF
+
-
-
+
2.5 V
2.5 V
VDD
VSS
10 µF +100nF
VGND
Fig. 3: Typical Connections of XE2003D circuit in DIL16 version without adjustment



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com