Electronic Components Datasheet Search
  English  ▼

X  

XE2003 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XE2003
Description  CAPACITIVE SENSOR INTERFACE CIRCUIT WITH GAIN AND OFFSET ADJUSTMENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE2003 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  XE2003 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
;(
&DSDFLWLYH6HQVRU,QWHUIDFH&LUFXLW
BBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBBB

7KLVIHDWXUHLV PDLQO\XVHGIRU DGMXVWPHQWRIWKHJDLQRID PRGXOH FRQWDLQLQJDVHQVRUDQGWKH;(FLUFXLW
.
VM
VSS
VDD
100 k
Ω
VGND
VSS
VOUT
CF
(optional)
VDD
C1
C2
capacitive
sensor
1
2
3
4
5
6
7
14
13
12
11
89
10
GAIN
OFADJ
AGND
CF
VM
VSSA
VOUT
VSSD
C2
CM
VDD
C1
NC
NC
15
16
NC
NC
VSS
R1
R2
VSS
+
-
VDD
VGND
10 µF +100nF
10 µF +100nF
5V
OR
10 µF +100nF
+
-
-
+
2.5 V
2.5 V
VDD
VSS
10 µF +100nF
VGND
Fig. 4: Connection of XE2003D circuit in DIL16 version with gain and offset adjustment
” XEMICS SA, 2000 All rights reserved. Reproduction whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
The publisher for any consequence of its use will accept no liability. Publication thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Printed in Switzerland
Date of release: 10 - 00
'



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com