Electronic Components Datasheet Search
  English  ▼

X  

XE2003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XE2003
Description  CAPACITIVE SENSOR INTERFACE CIRCUIT WITH GAIN AND OFFSET ADJUSTMENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE2003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XE2003 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE2003 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VM
CF
VSSA
VDD
AGND
+
Q
Sensor
-4
timing
C1
CM
C2
VSSD
OFADJ
GAIN
VOUT
LOW
PASS
FILTER
GAIN
Cool Solutions
XEMICS SA, Switzerland Tel: +41 32 720 51 70 Fax: +41 32 720 57 70 e-mail: info@xemics.com Web: www.xemics.com
;(
&DSDFLWLYH6HQVRU,QWHUIDFH&LUFXLW
ZLWK*DLQDQG2IIVHW $GMXVWPHQW
*HQHUDO'HVFULSWLRQ
7KH ;( LV D &026 FLUFXLW GHVLJQHG WR LQWHUIDFH
ZLWK FDSDFLWLYHW\SH VHQVRUV VXFK DV SUHVVXUH
VHQVRUV DFFHOHURPHWHUV FDSDFLWLYH PLFURSKRQHV DQG
KXPLGLW\ VHQVRUV 7KH LQWHUIDFH FLUFXLW LV FRPSDFW
DQG HDV\WRXVH VLQFH QR H[WHUQDO FRPSRQHQWV DUH
QHHGHG IRU D GHIDXOW VHWWLQJ RI SDUDPHWHUV 7KH ORZ
QRLVH
ORZGULIW GHVLJQ HQDEOHV KLJK SUHFLVLRQ
PHDVXUHPHQWVIURP '&XSWRWKHN+]UDQJH
$ KLJK PD[LPXP VHQVLWLYLW\ RI  P9S) FDQ EH
REWDLQHG XVLQJ D VHQVRU ZLWK WZR QRPLQDO
FDSDFLWDQFHV RI  S) 7KH FLUFXLW LV EDVHG RQ D
FKDUJH FRPSHQVDWLRQ IHHGEDFN ORRS 7KLV DSSURDFK
JXDUDQWHHV D OLQHDU DQG ORZGULIW WUDQVIHU EHWZHHQ D
GLIIHUHQWLDO FDSDFLWDQFH DW WKH LQSXW DQG WKH DQDORJ
RXWSXWYROWDJH
)RU VHQVRUV ZLWK RQO\ RQH YDU\LQJ FDSDFLWDQFH DQ
DGGLWLRQDO IL[HG FDSDFLWDQFH ZLWK DQ HTXDO QRPLQDO
YDOXHFDQ EHXVHGWR IRUP DTXDVLGLIIHUHQWLDO VHQVRU
7KH JDLQ DQG RIIVHW DGMXVWPHQW FDQ EH XVHG IRU
DGMXVWPHQWRI WKHVHQVRUVVHQVLWLYLW\DQGRIIVHW
.H\3URGXFW)HDWXUHV
•
0D[LPXP VHQVLWLYLW\RIP9S)
•
/LQHDU UHVSRQVHWRGLIIHUHQWLDO FDSDFLWDQFHV
•
'HVLJQHGIRUORZ GULIW ORZ QRLVH
•
*DLQ DQGRIIVHW DGMXVWPHQWSRVVLELOLW\
•
'XDO“9ROWVRUVLQJOH9ROWVSRZHUVXSSO\
•
/RZSRZHUFRQVXPSWLRQ P: PD[ DW9ROWV
•
)UHTXHQF\EDQGZLGWK'&WRN+]
•
2XWSXW ORDG RQ DQDORJ RXWSXW  S) DQGRU 
NΩ
•
$YDLODEOH LQ ',/ ;('  62 ;(6
RUGLFH
XE2003
Datasheet


Similar Part No. - XE2003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
Programmable low-power capacitive sensor conditioning IC
More results

Similar Description - XE2003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
logo
ams AG
AS1716 AMSCO-AS1716 Datasheet
419Kb / 12P
Capacitive Sensor Interface
AS1716_V2 AMSCO-AS1716_V2 Datasheet
323Kb / 12P
Capacitive Sensor Interface
logo
Texas Instruments
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
logo
List of Unclassifed Man...
IQS243 ETC2-IQS243 Datasheet
779Kb / 30P
3 Channel Capacitive Sensor with I2CTM compatible interface and Compensation
logo
Linear Technology
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
logo
Texas Instruments
PGA308 TI1-PGA308_16 Datasheet
1Mb / 30P
Programmable Gain and Offset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com