Electronic Components Datasheet Search
  English  ▼

X  

AD7716 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7716
Description  22-Bit Data Acquisition System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7716 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7716 Datasheet HTML 9Page - Analog Devices AD7716 Datasheet HTML 10Page - Analog Devices AD7716 Datasheet HTML 11Page - Analog Devices AD7716 Datasheet HTML 12Page - Analog Devices AD7716 Datasheet HTML 13Page - Analog Devices AD7716 Datasheet HTML 14Page - Analog Devices AD7716 Datasheet HTML 15Page - Analog Devices AD7716 Datasheet HTML 16Page - Analog Devices AD7716 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
REV. A
–15–
AD7716
The optimum setup for reading all four channels of the AD7716
into the DSP56001 is six 24-bit reads. This will provide 144 clock
edges to shift out the 128 bits of data in the AD7716 output shift
register. The first clock applied to the AD7716 will clock out
DB21 of A
IN1.
DRDY
from the AD7716 can be used as an
interrupt input to the DSP56001 to control the data transfer.
Either IRQA or IRQB of the DSP56001 can be used to detect the
interrupt.
DSP56001
+5V
AD7716
CASCOUT
CASCIN
RESET
RESET
CONTROL
SC2
SC1
SCK
SC0
STD
SRD
IRQ
MODE
TFS
RFS
SCLK
SDATA
DRDY
Figure 10. DSP56001 Interface
TMS320C25 Interface
Figure 11 shows the AD7716 interfaced to the TMS320C25
DSP using the master mode interface. For initial programming
of the AD7716 control register, the external gated clock is re-
quired. FSX going low enables this. When the two 8-bit bytes
have been sent to the AD7716, the FSX should go permanently
high. The external gated clock will now be disabled and the
AD7716 will take control of the SDATA line. It will begin
transmitting data as soon as it becomes available. It also pro-
vides the clock and frame synchronization signals required by
the DSP.
Reset for the AD7716 is provided by one of the DSP flag
outputs.
FLAG
OUTPUT
FSR
DR
DT
FSX
CLKR
CLKX
MODE
RFS
RESET
CASCIN
AD7716
CASCOUT
TMS320C25
GATED
CLOCK
EN
RESET CONTROL
SDATA
TFS
SCLK
Figure 11. TMS320C25 to AD7716 Interface
When the AD7716 is programmed for the maximum cutoff fre-
quency of 584 Hz, the output data rate is 2.25 kHz. This
means that there is 440
µs available to read the data and do the
necessary number crunching before the next sample must be
read. Assuming that the ADSP-2101 is running from a master
clock of 12.5 MHz means that the maximum SCLK available is
6.25 MHz (1/2 the master clock frequency). It will then take 40
µs to transfer the 256 bits of data from the ADC to the DSP.
This leaves 400
µs for number crunching in the DSP. If the
programmed cutoff frequency is lower then this allows even
more time to the DSP.
MC68HC11 Interface
The MC68HC11 microcomputer can be interfaced to the
AD7716 using the slave mode interface. Figure 9 shows a typi-
cal setup. The MODE pin on the AD7716 is tied high for slave
mode operation. The SPI port of the MC68HC11 is used. The
microcomputer is in its single chip mode.
DRDY
from the
AD7716 is connected to the IRQ input of the MC68HC11.
MISO and MOSI on the MC68HC11 should be configured for
wired-or operation. Depending on the interface configuration,
it may be necessary to provide bidirectional buffers between
these lines.
PC0
PC1
PC2
PC3
SCK
MISO
MOSI
SS
MC68HC11
MODE
RFS
TFS
DRDY
RESET
SCLK
SDATA
AD7716
+5V
+5V
CASCOUT
CASCIN
PC0
PC1
IRQ
PC2
SCK
MISO
MOSI
SS
MC68HC11
MODE
RFS
TFS
DRDY
RESET
SCLK
SDATA
AD7716
+5V
+5V
CASCOUT
CASCIN
Figure 9. MC68HC11 to AD7716 Interface
The MC68HC11 is configured in the master mode with its
CPOL bit set to a logic zero and its CPHA bit set to a logic one.
With an 8 MHz CLKIN input on the AD7716, the device will
operate with all four serial clock rates of the MC68HC11.
Sixteen, 8-bit read operations are necessary to read the 128 bits
from the AD7716 output register. An extra read is necessary to
reset the output register. This means a total of 17 read opera-
tions are needed from the MC68HC11.
DSP56001 Interface
Figure 10 shows an interface to the DSP56001 digital signal
processor. The AD7716 is set up for the slave interface mode.
The DSP56001 is set up for asynchronous operation with gated
clock and normal framing. Data must be written to the
AD7716 control register in two 8-bit bytes. The first byte is
written to the DSP56001 SSI transmit data register (TX) and
this is automatically transferred to the transmit shift register
when the frame sync occurs. Data is shifted out to the STD pin
by the internal bit clock (SCK) when the associated frame sync
output is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com