Electronic Components Datasheet Search
  English  ▼

X  

AD7716 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7716
Description  22-Bit Data Acquisition System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7716 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7716 Datasheet HTML 9Page - Analog Devices AD7716 Datasheet HTML 10Page - Analog Devices AD7716 Datasheet HTML 11Page - Analog Devices AD7716 Datasheet HTML 12Page - Analog Devices AD7716 Datasheet HTML 13Page - Analog Devices AD7716 Datasheet HTML 14Page - Analog Devices AD7716 Datasheet HTML 15Page - Analog Devices AD7716 Datasheet HTML 16Page - Analog Devices AD7716 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
REV. A
AD7716
–16–
Multibandwidth System
Some applications may require multiple AD7716’s with differ-
ent bandwidths programmed to each device. The best way to
accomplish this is shown in Figure 12. The master mode inter-
face is used for this example but the slave mode may also be
used. The example shows an 8-channel system with Device #0
in the system programmed for a 292 Hz cutoff frequency and
Device #1 programmed for a 146 Hz cutoff frequency.
CASCIN
DRDY
RESET
CASCOUT
MODE
#0
(292 Hz)
CASCIN
DRDY
RESET
MODE
#1
(146 Hz)
RESET
TFS
RFS
SCLK
SDATA
Figure 12. Multibandwidth System
The resultant output signals are also shown. Since Device #0
has a higher bandwidth it will also have a higher update rate.
The receiving processor will be getting samples from this device
at twice the rate of Device #1.
#0
#0 #1
#0
#0 #1
#0
#0 #1
RESET
DRDY #0
DRDY #1
SDATA
Figure 13. Output Signals for Figure 12
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead PLCC
(P-44A)
0.032 (0.81)
0.026 (0.66)
0.021 (0.53)
0.013 (0.33)
0.056 (1.42)
0.042 (1.07)
0.025 (0.63)
0.015 (0.38)
0.180 (4.57)
0.165 (4.19)
0.63 (16.00)
0.59 (14.99)
0.110 (2.79)
0.085 (2.16)
0.040 (1.01)
0.025 (0.64)
0.050
(1.27)
BSC
0.656 (16.66)
0.650 (16.51)
SQ
0.695 (17.65)
0.685 (17.40)
SQ
0.048 (1.21)
0.042 (1.07)
0.048 (1.21)
0.042 (1.07)
40
6
TOP VIEW
39
29
18
17
PIN 1
IDENTIFIER
7
28
0.020
(0.50)
R
44-Lead Plastic Quad Flatpack
(S-44)
0.083 (2.11)
0.077 (1.96)
0.016 (0.41)
0.012 (0.30)
0.033 (0.84)
0.029 (0.74)
1
44
34
33
23
22
12
11
TOP VIEW
PIN 1
0.398 (10.11)
0.390 (9.91)
0.557 (14.148)
0.537 (13.640)
0.096 (2.44)
MAX
0.037 (0.94)
0.025 (0.64)
0.398 (10.11)
0.390 (9.91)
0.040 (1.02)
0.032 (0.81)
0.040 (1.02)
0.032 (0.81)
8
°
0.8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com