Electronic Components Datasheet Search
  English  ▼

X  

AD7716 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7716
Description  22-Bit Data Acquisition System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7716 Datasheet(HTML) 3 Page - Analog Devices

  AD7716 Datasheet HTML 1Page - Analog Devices AD7716 Datasheet HTML 2Page - Analog Devices AD7716 Datasheet HTML 3Page - Analog Devices AD7716 Datasheet HTML 4Page - Analog Devices AD7716 Datasheet HTML 5Page - Analog Devices AD7716 Datasheet HTML 6Page - Analog Devices AD7716 Datasheet HTML 7Page - Analog Devices AD7716 Datasheet HTML 8Page - Analog Devices AD7716 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AD7716–SPECIFICATIONS1, 2 (f
CLKIN = 8 MHz; MODE Pin Is High (Slave Mode Operation); AVDD = DVDD = +5 V
5%; AVSS = –5 V
5%; AGND = DGND = 0 V; VREF = 2.5 V; Filter Cutoff = 146 Hz; Noise Measurement Bandwidth = 146 Hz; AIN Source
Resistance = 750
2 with 1 nF to AGND at each A
IN. TA = TMIN to TMAX, unless otherwise noted.)
Parameter
B Version
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
22
Bits
Integral Linearity Error
0.003
% FSR typ
Guaranteed No Missed Codes to 21 Bits3
0.006
% FSR max
Gain Error
1
% FSR max
Gain Match Between Channels
0.5
% FSR max
Gain TC
30
µV/°C typ
Offset Error
0.2
% FSR max
Offset Match Between Channels
0.1
% FSR max
Offset TC
4
µV/°C typ
Noise
11
µV rms max
See Table I for Typical Noise Performance vs. Programmed
Cutoff Frequency
DYNAMIC PERFORMANCE
Sampling Rate
fCLKIN/14
570 kHz for fCLKIN = 8 MHz
Output Update Rate
fCLKIN/(14
256
2N)
N Is Decimal Equivalent of FC2, FC1, FC0 in Control Register
Filter Cutoff Frequency
fCLKIN/(3.81
14
256
2N)
Settling Time
(3
14
256
2N/fCLKIN)
Usable Dynamic Range4
See Table I
Total Harmonic Distortion
–90
dB typ
Input Frequency = 35 Hz
–100
dB typ
AIN =
±10 mV p-p
Absolute Group Delay3
(3
14
256
2N)/2fCLKIN
Differential Group Delay3
10
ns typ
Channel-to-Channel Isolation
–85
dB typ
Feedthrough from Any One Channel to the Other Three, with
35 Hz Full-Scale Sine Wave Applied to that Channel
ANALOG INPUT
Input Range
±2.5
Volts
Input Capacitance
10
pF typ
Input Bias Current
1
nA typ
LOGIC INPUTS
VINH, Input High Voltage
2.4
V min
VINL, Input Low Voltage
0.8
V max
IIN, Input Current
SDATA, RFS
+10/-130
µA max
Internal 50 k
Ω Pull-Up Resistors
TFS
+10/-650
µA max
Internal 10 k
Ω Pull-Up Resistor
All Other Inputs
±10
µA max
CIN, Input Capacitance
3
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
2.4
V min
|IOUT|
≤ 40 µA
VOL, Output Low Voltage
0.4
V max
|IOUT|
≤ 1.6 mA
POWER SUPPLIES
Reference Input
2.4/2.6
V min/V max
AVDD
4.75/5.25
V min/V max
DVDD
4.75/5.25
V min/V max
AVSS
–4.75/–5.25
V min/V max
IDD
7.5
mA max
4.8 mA typ
ISS
2.5
mA max
1.8 mA typ
Power Consumption
50
mW max
35 mW typ
Power Supply Rejection
5
–70
dB typ
NOTES
1Operating temperature ranges as follows : B Version; –40
°C to +85°C.
2The AIN pins present a very high impedance dynamic load which varies with clock frequency.
3Guaranteed by design and characterization. Digital filter has linear phase.
4Usable dynamic range is guaranteed by measuring noise and relating this to the full-scale input range.
5100 mV p-p, 120 Hz sine wave applied to each supply.
Specifications subject to change without notice.
REV. A
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com