Electronic Components Datasheet Search
  English  ▼

X  

24LC22A Datasheet(PDF) 14 Page - Microchip Technology

Part # 24LC22A
Description  2K VESA E - EDID SERIAL EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22A Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24LC22A Datasheet HTML 10Page - Microchip Technology 24LC22A Datasheet HTML 11Page - Microchip Technology 24LC22A Datasheet HTML 12Page - Microchip Technology 24LC22A Datasheet HTML 13Page - Microchip Technology 24LC22A Datasheet HTML 14Page - Microchip Technology 24LC22A Datasheet HTML 15Page - Microchip Technology 24LC22A Datasheet HTML 16Page - Microchip Technology 24LC22A Datasheet HTML 17Page - Microchip Technology 24LC22A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
/&$
'6$SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.

3$&.$*,1* ,1)250$7,21

3D.NDJH 0DUNLQJ ,QIRUPDWLRQ
XXXXXXXX
XXXXXNNN
YYWW
/HDG 3',3  PLO
([DPSOH
24LC22A
I/PNNN
0145
/HDG 62,&  PLO
([DPSOH
/HJHQG ;;; &XVWRPHU VSH.LIL. LQIRUPDWLRQ
<<
<HDU .RGH ODVW  GLJLWV RI .DOHQGDU \HDU
::
:HHN .RGH ZHHN RI -DQXDU\ LV ZHHN µ¶
111
$OSKDQXPHUL. WUD.HDELOLW\ .RGH
1RWH ,Q WKH HYHQW WKH IXOO 0L.UR.KLS SDUW QXPEHU .DQQRW EH PDUNHG RQ RQH OLQH LW ZLOO
EH .DUULHG RYHU WR WKH QH[W OLQH WKXV OLPLWLQJ WKH QXPEHU RI DYDLODEOH .KDUD.WHUV
IRU .XVWRPHU VSH.LIL. LQIRUPDWLRQ
6WDQGDUG PDUNLQJ .RQVLVWV RI 0L.UR.KLS SDUW QXPEHU \HDU .RGH ZHHN .RGH WUD.HDELOLW\ .RGH ID.LOLW\
.RGH PDVN UHY DQGDVVHPEO\ .RGH
XXXXXXXX
XXXXYYWW
NNN
24LC22A
I/SN0145
NNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com