Electronic Components Datasheet Search
  English  ▼

X  

24LC22A Datasheet(PDF) 16 Page - Microchip Technology

Part # 24LC22A
Description  2K VESA E - EDID SERIAL EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22A Datasheet(HTML) 16 Page - Microchip Technology

Back Button 24LC22A Datasheet HTML 12Page - Microchip Technology 24LC22A Datasheet HTML 13Page - Microchip Technology 24LC22A Datasheet HTML 14Page - Microchip Technology 24LC22A Datasheet HTML 15Page - Microchip Technology 24LC22A Datasheet HTML 16Page - Microchip Technology 24LC22A Datasheet HTML 17Page - Microchip Technology 24LC22A Datasheet HTML 18Page - Microchip Technology 24LC22A Datasheet HTML 19Page - Microchip Technology 24LC22A Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
/&$
'6$SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.
/HDG 3ODVWL. 6PDOO 2XWOLQH 61 ± 1DUURZ  PLO 62,& O
)RRW $QJOH
I








β
0ROG 'UDIW$QJOH %RWWRP






α
0ROG 'UDIW$QJOH 7RS






%
/HDG :LGWK






.
/HDG 7KL.NQHVV






/
)RRW /HQJWK






K
&KDPIHU 'LVWDQ.H






'
2YHUDOO /HQJWK






(
0ROGHG 3D.NDJH :LGWK






(
2YHUDOO :LGWK






$
6WDQGRII †






$
0ROGHG 3D.NDJH 7KL.NQHVV






$
2YHUDOO +HLJKW


S
3LW.K


Q
1XPEHU RI3LQV
0$;
120
0,1
0$;
120
0,1
'LPHQVLRQ /LPLWV
0,//,0(7(56
,1&+(6
8QLWV


'
Q
S
%
(
(
K
/
β
.
î
I
$
α
$
$
&RQWUROOLQJ 3DUDPHWHU
1RWHV
'LPHQVLRQV ' DQG ( GR QRW LQ.OXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[.HHG
´ PP SHU VLGH
-('(&(TXLYDOHQW06
'UDZLQJ 1R &
† 6LJQLIL.DQW &KDUD.WHULVWL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com