Electronic Components Datasheet Search
  English  ▼

X  

24LC22A Datasheet(PDF) 17 Page - Microchip Technology

Part # 24LC22A
Description  2K VESA E - EDID SERIAL EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22A Datasheet(HTML) 17 Page - Microchip Technology

Back Button 24LC22A Datasheet HTML 13Page - Microchip Technology 24LC22A Datasheet HTML 14Page - Microchip Technology 24LC22A Datasheet HTML 15Page - Microchip Technology 24LC22A Datasheet HTML 16Page - Microchip Technology 24LC22A Datasheet HTML 17Page - Microchip Technology 24LC22A Datasheet HTML 18Page - Microchip Technology 24LC22A Datasheet HTML 19Page - Microchip Technology 24LC22A Datasheet HTML 20Page - Microchip Technology 24LC22A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6$SDJH 
/&$
6\VWHPV ,QIRUPDWLRQ DQG 8SJUDGH +RW /LQH
7KH 6\VWHPV ,QIRUPDWLRQ DQG 8SJUDGH /LQH SURYLGHV
V\VWHP XVHUV D OLVWLQJ RI WKH ODWHVW YHUVLRQV RI DOO RI
0L.UR.KLS V GHYHORSPHQW V\VWHPV VRIWZDUH SURGX.WV
3OXV WKLV OLQH SURYLGHV LQIRUPDWLRQ RQ KRZ .XVWRPHUV
.DQ UH.HLYH DQ\ .XUUHQWO\ DYDLODEOH XSJUDGH NLWV7KH
+RW /LQH 1XPEHUV DUH
 IRU 86 DQG PRVW RI &DQDGD DQG
 IRU WKH UHVW RI WKHZRUOG
21/,1( 6833257
0L.UR.KLS SURYLGHV RQOLQH VXSSRUW RQ WKH 0L.UR.KLS
:RUOG :LGH:HE ::: VLWH
7KH ZHE VLWH LV XVHG E\ 0L.UR.KLS DV D PHDQV WR PDNH
ILOHV DQG LQIRUPDWLRQ HDVLO\ DYDLODEOH WR .XVWRPHUV 7R
YLHZ WKH VLWH WKH XVHU PXVW KDYH D..HVV WR WKH ,QWHUQHW
DQG D ZHE EURZVHU VX.K DV 1HWV.DSH RU 0L.URVRIW
([SORUHU )LOHV DUH DOVR DYDLODEOH IRU )73 GRZQORDG
IURPRXU )73 VLWH
&RQQH.WLQJ WRWKH0L.UR.KLS ,QWHUQHW:HE6LWH
7KH 0L.UR.KLS ZHE VLWH LV DYDLODEOH E\ XVLQJ \RXU
IDYRULWH ,QWHUQHW EURZVHU WR DWWD.K WR
ZZZPL.UR.KLS.RP
7KH ILOH WUDQVIHU VLWH LV DYDLODEOH E\ XVLQJ DQ )73 VHU
YL.H WR .RQQH.W WR
IWSIWSPL.UR.KLS.RP
7KH ZHE VLWH DQG ILOH WUDQVIHU VLWH SURYLGH D YDULHW\ RI
VHUYL.HV 8VHUV PD\ GRZQORDG ILOHV IRU WKH ODWHVW
'HYHORSPHQW 7RROV 'DWD 6KHHWV $SSOL.DWLRQ 1RWHV
8VHU V *XLGHV $UWL.OHV DQG 6DPSOH 3URJUDPV $ YDUL
HW\ RI 0L.UR.KLS VSH.LIL. EXVLQHVV LQIRUPDWLRQ LV DOVR
DYDLODEOH LQ.OXGLQJ OLVWLQJV RI 0L.UR.KLS VDOHV RIIL.HV
GLVWULEXWRUV DQG ID.WRU\ UHSUHVHQWDWLYHV 2WKHU GDWD
DYDLODEOH IRU .RQVLGHUDWLRQLV
‡ /DWHVW 0L.UR.KLS 3UHVV 5HOHDVHV
‡ 7H.KQL.DO 6XSSRUW 6H.WLRQ ZLWK )UHTXHQWO\ $VNHG
4XHVWLRQV
‡ 'HVLJQ7LSV
‡ 'HYL.H(UUDWD
‡ -RE3RVWLQJV
‡ 0L.UR.KLS &RQVXOWDQW 3URJUDP0HPEHU /LVWLQJ
‡ /LQNV WR RWKHU XVHIXO ZHE VLWHV UHODWHGWR
0L.UR.KLS 3URGX.WV
‡ &RQIHUHQ.HV IRU SURGX.WV 'HYHORSPHQW 6\VWHPV
WH.KQL.DO LQIRUPDWLRQDQG PRUH
‡ /LVWLQJ RI VHPLQDUV DQG HYHQWV




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com