Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8221 Datasheet HTML 7Page - Analog Devices AD8221 Datasheet HTML 8Page - Analog Devices AD8221 Datasheet HTML 9Page - Analog Devices AD8221 Datasheet HTML 10Page - Analog Devices AD8221 Datasheet HTML 11Page - Analog Devices AD8221 Datasheet HTML 12Page - Analog Devices AD8221 Datasheet HTML 13Page - Analog Devices AD8221 Datasheet HTML 14Page - Analog Devices AD8221 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8221
Rev. A | Page 11 of 20
20
µs/div
10mV/div
4.9
µs TO 0.01%
5.6
µs TO 0.001%
5V/div
Figure 33. Large Signal Pulse Response and Settling Time (G = 10),
0.002%/div
20
µs/DIV
10mV/DIV
10.3
µs TO 0.01%
13.4
µs TO 0.001%
5V/DIV
Figure 34. Large Signal Pulse Response and Settling Time (G = 100),
0.002%/div
20
µs/DIV
10mV/DIV
83
µs TO 0.01%
112
µs TO 0.001%
5V/DIV
Figure 35. Large Signal Pulse Response and Settling Time (G = 1000),
0.002%/div
4
µs/DIV
20mV/DIV
Figure 36. Small Signal Response, G = 1, RL = 2 kΩ, CL = 100 pF
4
µs/DIV
20mV/DIV
Figure 37. Small Signal Response, G = 10, RL = 2 kΩ, CL = 100 pF
10
µs/DIV
20mV/DIV
Figure 38. Small Signal Response, G = 100, RL = 2 kΩ, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com