Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8221 Datasheet HTML 12Page - Analog Devices AD8221 Datasheet HTML 13Page - Analog Devices AD8221 Datasheet HTML 14Page - Analog Devices AD8221 Datasheet HTML 15Page - Analog Devices AD8221 Datasheet HTML 16Page - Analog Devices AD8221 Datasheet HTML 17Page - Analog Devices AD8221 Datasheet HTML 18Page - Analog Devices AD8221 Datasheet HTML 19Page - Analog Devices AD8221 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8221
Rev. A | Page 16 of 20
RF INTERFERENCE
RF rectification is often a problem when amplifiers are used in
applications where there are strong RF signals. The disturbance
may appear as a small dc offset voltage. High frequency signals
can be filtered with a low-pass R-C network placed at the input
of the instrumentation amplifier, as shown in Figure 49. The
filter limits the input signal bandwidth according to the
following relationship:
CD affects the difference signal and CC affects the common-
mode signal. Values of R and CC should be chosen to minimize
RFI. Mismatch between the R × CC at the positive input and the
R × CC at negative input will degrade the AD8221’s CMRR. By
using a value of CD one magnitude larger than CC, the effect of
the mismatch is reduced, and hence, performance is improved.
PRECISION STRAIN GAGE
)
2
(
π
2
1
C
D
Diff
C
C
R
FilterFreq
+
=
The AD8221’s low offset and high CMRR over frequency make
it an excellent candidate for bridge measurements. As shown in
Figure 50, the bridge can be directly connected to the inputs of
the amplifier.
C
CM
RC
FilterFreq
π
2
1
=
+5V
+2.5V
10
µF
0.1
µF
AD8221
+IN
–IN
R
350
Ω
350
Ω
350
Ω
350
Ω
+
–
where CD ≥ 10CC.
R
R
AD8221
+15V
+IN
–IN
0.1
µF
10
µF
10
µF
0.1
µF
REF
VOUT
–15V
R1
499
Ω
CD
CC
CC
10nF
1nF
1nF
4.02k
Ω
4.02k
Ω
Figure 50. Precision Strain Gage
Figure 49. RFI Suppression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com