Electronic Components Datasheet Search
  English  ▼

X  

AD8221 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8221
Description  Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8221 Datasheet HTML 10Page - Analog Devices AD8221 Datasheet HTML 11Page - Analog Devices AD8221 Datasheet HTML 12Page - Analog Devices AD8221 Datasheet HTML 13Page - Analog Devices AD8221 Datasheet HTML 14Page - Analog Devices AD8221 Datasheet HTML 15Page - Analog Devices AD8221 Datasheet HTML 16Page - Analog Devices AD8221 Datasheet HTML 17Page - Analog Devices AD8221 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8221
Rev. A | Page 14 of 20
GAIN SELECTION
Placing a resistor across the RG terminals will set the AD8221’s
gain, which may be calculated by referring to Table 3 or by
using the gain equation
1
kΩ
4
.
49
−
=
G
RG
Table 3. Gains Achieved Using 1% Resistors
1% Std Table Value of RG (Ω)
Calculated Gain
49.9 k
1.990
12.4 k
4.984
5.49 k
9.998
2.61 k
19.93
1.00 k
50.40
499
100.0
249
199.4
100
495.0
49.9
991.0
The AD8221 defaults to G = 1 when no gain resistor is used.
Gain accuracy is determined by the absolute tolerance of RG.
The TC of the external gain resistor will increase the gain drift
of the instrumentation amplifier. Gain error and gain drift are
kept to a minimum when the gain resistor is not used.
LAYOUT
Careful board layout maximizes system performance. Traces
from the gain setting resistor to the RG pins should be kept as
short as possible to minimize parasitic inductance. To ensure
the most accurate output, the trace from the REF pin should
either be connected to the AD8221’s local ground as shown in
Figure 47, or connected to a voltage that is referenced to the
AD8221’s local ground.
Common-Mode Rejection
One benefit of the AD8221’s high CMRR over frequency is that
it has greater immunity to disturbances such as line noise and
its associated harmonics than do typical in-amps. These,
typically, have CMRR fall-off at 200 Hz; common-mode filters
are often used to compensate for this shortcoming. The AD8221
is able to reject CMRR over a greater frequency range, reducing
the need for filtering.
A well implemented layout helps to maintain the AD8221’s high
CMRR over frequency. Input source impedance and capacitance
should be closely matched. In addition, source resistance and
capacitance should be placed as close to the inputs as
permissible.
Grounding
The AD8221’s output voltage is developed with respect to the
potential on the reference terminal. Care should be taken to tie
REF to the appropriate “local ground.”
In mixed-signal environments, low level analog signals need to
be isolated from the noisy digital environment. Many ADCs
have separate analog and digital ground pins. Although it is
convenient to tie both grounds to a single ground plane, the
current traveling through the ground wires and PC board may
cause hundreds of millivolts of error. Therefore, separate analog
and digital ground returns should be used to minimize the
current flow from sensitive points to the system ground. An
example layout is shown in Figure 44 and Figure 45.
Figure 44.Top Layer of the AD8221-EVAL
Figure 45.Bottom Layer of the AD8221-EVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com