Electronic Components Datasheet Search
  English  ▼

X  

LTPL-M07 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTPL-M07
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M07 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTPL-M07 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6/18
Part No. : M07 CoB Product Series
BNS-OD-FC002/A4
LIGHT LED
M07 CoB Product Series
4.2 Forward Current vs. Lumen and Voltage
 52 Series Product
Current (mA)
VF (V)
Flux (lm)
3000K
5700K
6500K
CRI>80
CRI>80
CRI>80
100
30.9
459
482
487
200
31.4
1094
1149
1160
300
31.9
1717
1802
1820
500
32.9
2919
3065
3094
700
33.6
4066
4269
4310
1000
34.7
5720
6006
6063
1200
35.2
6846
7188
7256
1400
35.9
7807
8197
8275
1600
36.3
8697
9132
9219
1800
36.9
9614
10094
10190
2000
37.3
10440
10962
11066
2200
37.9
11230
11792
11904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com