Electronic Components Datasheet Search
  English  ▼

X  

LTPL-M07 Datasheet(PDF) 17 Page - Lite-On Technology Corporation

Part # LTPL-M07
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M07 Datasheet(HTML) 17 Page - Lite-On Technology Corporation

Back Button LTPL-M07 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 19Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
16/18
Part No. : M07 CoB Product Series
BNS-OD-FC002/A4
LIGHT LED
M07 CoB Product Series
6. Reliability Test Plan
No
Test item
Condition
Duration
Number
of Failed
Result
1
High Temperature
Operating Life
Tc=85°C, IF =Typical Current
1K hours
0/10
Pass
2
Wet High
Temperature
Operating Life
60°C/90%RH, IF =Typical Current(DC)
30 mins ON/OFF
1K hours
0/10
Pass
3
Thermal Shock
-40°C to 125°C, 15minutes dwell,
<10 seconds transfer,
measurement in every 250 cycles
500 cycles
0/10
Pass
4
Fast Switch
Cycling Test
40000cycles, 2 mins On/Off,
Room temperature(25˚C+/-5˚C),
measurement in every 5000 cycles
40K cycles
0/10
Pass
5
High Temperature
Storage Life
Ta=120°C
1K hours
0/10
Pass
6
Low Temperature
Storage Life
Ta=-55°C
1K hours
0/10
Pass
7
Mechanical Shock
1500G, 0.5ms pulse, 5 shocks each 6 axis
30 Times (5 shocks
each 6 axis)
0/10
Pass
8
Variable Vibration
Frequency
10-2000-10 Hz, log or linear sweep rate,
20G for approximately minute 1.5mm, each
applied three times per axis over 6 hrs.
18 hrs
(3 times per axis
over 6 hrs)
0/10
Pass
 Criteria for Judging the Damage
Item
Symbol
Test Condition
Criteria for Judgment
Min.
Max.
Forward Voltage
VF
IF =Typical Current
U.S.L. x 1.1
Luminous Flux
Lm
IF =Typical Current
L.S.L. x 0.7
CCX & CCY
X,Y
IF =Typical Current
Shift<0.02
Notes
1. Operating life tests are mounted on thermal heat sink
2. Storage items are only component, not put on heat sink.
LiteOn CoB
CRI80 5700K Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com