Electronic Components Datasheet Search
  English  ▼

X  

LTPL-M07 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTPL-M07
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M07 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTPL-M07 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
7/18
Part No. : M07 CoB Product Series
BNS-OD-FC002/A4
LIGHT LED
M07 CoB Product Series
 80 Series Product
Current (mA)
VF (V)
Flux (lm)
3000K
5700K
6500K
CRI>80
CRI>80
CRI>80
100
29.7
655
687
694
200
30.1
1281
1345
1357
300
30.5
1897
1991
2010
500
31.2
3093
3248
3279
750
32.2
4526
4752
4798
1000
33.0
5886
6180
6239
1250
33.8
7171
7530
7601
1500
34.6
8379
8798
8882
1750
35.2
9507
9983
10078
2000
35.8
10556
11083
11189
2050
35.9
10755
11293
11400
2250
36.4
11520
12096
12211
2500
36.9
12400
13020
13144
2750
37.3
13193
13852
13984
3000
37.7
13897
14592
14731
3200
38.0
14394
15114
15258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com