Electronic Components Datasheet Search
  English  ▼

X  

LTPL-M09 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPL-M09
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M09 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPL-M09 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4/18
Part No. : M09 CoB Product Series
BNS-OD-FC002/A4
SPECIFIC LIGHTING
M09 CoB Product Series
3. Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Code 4
Product Series
Rating
Unit
Power Dissipation
PO
25
32
W
30
49
W
Forward Current
IF
25
800
mA
30
1200
mA
Junction Temperature
Tj
125
°C
Thermal Resistance, Junction-Case
Rth, J-C
25
1.24
°C/W
30
0.76
°C/W
Operating Temperature Range
Topr
-40 to 85
°C
Storage Temperature Range
Tstg
-40 to 100
°C
Breakdown Voltage(DC)
VB
2.25
KV
Electrostatic Discharge
ESD
8
KV
Notes
1. The pulse mode condition is 1/10 duty cycle with 100 msec pulse width.
2. Forbid to be operated at reverse voltage condition.
3. ESD spec is reference to AEC-Q101-001 HBM.
4. The unit of Rth is °C/W electrical.
5. The M09 CoB is recommended soldering temperature under 350degC and could not over 3.5sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com