Electronic Components Datasheet Search
  English  ▼

X  

LTPL-M09 Datasheet(PDF) 12 Page - Lite-On Technology Corporation

Part # LTPL-M09
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M09 Datasheet(HTML) 12 Page - Lite-On Technology Corporation

Back Button LTPL-M09 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 16Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
11/18
Part No. : M09 CoB Product Series
BNS-OD-FC002/A4
SPECIFIC LIGHTING
M09 CoB Product Series
5. CoB Binning Definition
 Flux Binning Parameter (25degC)
 25 Series Lumen Bin
Lumen (lm)
3000K (CRI>80)
4000K (CRI>80)
5000K (CRI>80)
3000K (CRI>90)
Bin
Range
Bin
Range
Bin
Range
Bin
Range
GH
2890~3120
GH
2890~3120
HI
3120~3370
DE
2300~2485
HI
3120~3370
HI
3120~3370
IJ
3370~3640
EF
2485~2680
IJ
3370~3640
IJ
3370~3640
JK
3640~3925
FG
2680~2890
JK
3640~3925
JK
3640~3925
KL
3925~4204
GH
2890~3120
Lumen
CODE List of M09 Series Product
Parameter
Code
Unit
Lumen
Luminous
Flux
D
lm
2300
E
2485
F
2680
G
2890
H
3120
I
3370
J
3640
K
3925
L
4240
M
4575
N
4940
O
5330
P
5755
Q
6210
-15%~-8%
-8%~+8%
+8%~+15%
 Example of M09 Series Product Bin
Lumen (lm)
30 Series @3000K
Bin
Range
GH
2890~3120
HI
3120~3370
IJ
3370~3640
I
J
L
M
O
Full Bins
Main Bin
CCT
Lumen Range
Bin Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com