Electronic Components Datasheet Search
  English  ▼

X  

LTPL-M09 Datasheet(PDF) 14 Page - Lite-On Technology Corporation

Part # LTPL-M09
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M09 Datasheet(HTML) 14 Page - Lite-On Technology Corporation

Back Button LTPL-M09 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-M09 Datasheet HTML 18Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
13/18
Part No. : M09 CoB Product Series
BNS-OD-FC002/A4
SPECIFIC LIGHTING
M09 CoB Product Series
 Example of LiteOn CoB MacAdam Ellipse Color Definition (Ex: 3000K)
CIE Center Point
CCT
25degC (LiteOn Spec.)
85degC (ANSI)
Hot/Cold Factor
CCX
CCY
CCX
CCY
CCX
CCY
3000
0.4392
0.4072
0.4338
0.4030
-0.0054
-0.0042
4000
0.3849
0.3856
0.3818
0.3797
-0.0031
-0.0059
5000
0.3486
0.3670
0.3447
0.3553
-0.0039
-0.0117
Notes
 LiteOn tester and shipping spec follow the color bin with 25degC CCX/CCY center.
 The Hot/Cold factor means the CCX/CCY shift from 25degC to 85degC.
 The Hot/Cold shift is measured by LiteOn CAS 140B instrument system.
 The ellipse equation expression: SDCM = (g11*(x-x0)
2 + 2*g12*(x-x
0)*(y-y0) + g22*(y-y0)
2)0.5
Solid line in red/blue/black is
3SDCM/5SDCM/ANSI at 25degC.
It is shipping Spec. of LiteOn.
Dotted line in light gray is
3SDCM/5SDCM/ANSI at 85degC and
the CCX/CCY center follows ANSI.
follows ANSI C78.377A.
E1
E2
E3
E2
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com