Electronic Components Datasheet Search
  English  ▼

X  

TS19830CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19830CS
Description  Integrated 500V MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19830CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19830CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19830CS
Taiwan Semiconductor
2
Version: A1704
ABSOLUTE MAXIMUM RATINGS (Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VCC
40
V
CS Voltage to GND
VCS
-0.3 to 5.5
V
DRAIN Voltage to GND
VDRAIN
-0.3 to 500
V
CS Voltage to GND
VCS
-0.3 to 5.5
V
CL Voltage to GND
VCL
-0.3 to 5.5
V
COM Voltage to GND
VCOM
-0.3 to 5.5
V
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature (Soldering 10s)
TLEAD
260
°C
Power Dissipation @ TA=25 °C
PD
0.6
W
ESD Rating (Human Body Mode)
(Note2)
HBM
2
kV
ESD Rating (Machine Mode)
(Note 2)
MM
200
V
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance - Junction to Case
RӨJC
50
°C/W
Thermal Resistance - Junction to Ambient
RӨJA
208
°C/W
Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined at
the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air. Thermal Resistance is specified with the
component mounted on a low effective thermal conductivity test board in free air at TA=25°C.
RECOMMENDED OPERATING CONDITIONS (Note 3)
PARAMETER
SYMBOL
CONDITIONS
UNIT
Power Supply Pin
VCC
33
V
CL Voltage to GND
VCL
-0.3 to 0.3
V
DRAIN Voltage to GND
VDRAIN
-0.3 to 500
V
CS Voltage to GND
VCS
-0.3 to 5
V
COM Voltage to GND
VCOM
-0.3 to 5
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com