Electronic Components Datasheet Search
  English  ▼

X  

TS19830CS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19830CS
Description  Integrated 500V MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19830CS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19830CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS19830CS
Taiwan Semiconductor
4
Version: A1704
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS19830CS RLG
SOP-8
2,500pcs / 13”Reel
BLOCK DIAGRAM
PIN DESCRIPTION
PIN NO.
NAME
FUNCTION
1
VCC
Power supply pin for all internal circuitry.
2
CS
Input current sense pin.
3
COM
Output pin of error amplifier.
4
CL
Current limit.
5.6
DRAIN
High Voltage MOSFET Drain
7
N/C
No connect
8
GND
Ground return for all internal circuitry.
Fig. 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com