Electronic Components Datasheet Search
  English  ▼

X  

TS19830CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19830CS
Description  Integrated 500V MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19830CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19830CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS19830CS
Taiwan Semiconductor
1
Version: A1704
Phase-Cut Dimmable and Active PFC for LED lighting
With High Voltage MOSFET Integrated
DESCRIPTION
The TS19830CS is a phase-cut (TRIAC) dimmable
constant current control IC with active power factor
correction
for
AC-DC
LED
lighting
control.
The
TS19830CS is configurable as a non-isolated Buck-
Boost converter which integrated 500V power MOSFET.
It is compatible with many types of TRIAC dimmers
including leading edge and trailing-edge. The IC
achieves a high power factor and low total harmonic
distortion (THD) and guarantees constant current
accuracy to <±2.5% using Discontinuous Conduction
Mode (DCM) operation. TheTS19830CS has built-in
protection circuits such as over temperature protection
by current degeneration, VCC overvoltage protection
and system output open/short circuit protection.
FEATURES
●
Phase cut dimmable
●
Integrated 500V MOSFET
●
Low THD <10%
●
Good dimmer compatibility for 120/230VAC Lamps
●
Constant Current Accuracy within ±2.5%
●
High Power Factor >0.9
●
Low BOM Cost Design
●
Discontinuous Conduction Mode Control (DCM)
●
LED Open Protection
●
LED Short protection
●
Over Current Protection (OCP)
●
Over Thermal Protection (OTP)
●
Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC.
●
Halogen-free according to IEC 61249-2-21
APPLICATION
●
LED lighting
●
Down lights, Tube lamps, PAR Lamps, Bulbs
SOP-8
Pin Definition:
1. VCC
8. GND
2. CS
7. NC
3. COM
6. DRAIN
4. CL
5. DRAIN
Note: MSL 3 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TS19830CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19820CS TSC-TS19820CS Datasheet
910Kb / 14P
Single-Stage Power Factor Correction Dimmable LED Driver with 3.3V Voltage Regulator Output
More results

Similar Description - TS19830CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
571Kb / 9P
500V P-Channel MOSFET
FQB3P50 FAIRCHILD-FQB3P50 Datasheet
645Kb / 9P
500V P-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD1P50 FAIRCHILD-FQD1P50 Datasheet
569Kb / 9P
500V P-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
FQNL2N50B FAIRCHILD-FQNL2N50B Datasheet
598Kb / 8P
500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com