Electronic Components Datasheet Search
  English  ▼

X  

TSM2NB60CP Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB60CP
Description  Pb-free plating
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB60CP Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2NB60CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM2NB60CP
TSM2NB60CH
Taiwan Semiconductor
Document Number: DS_P0000070
2
Version: H1706
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
2.87
oC/W
Junction to Ambient Thermal Resistance
RӨJA
110
oC/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
(Note 5)
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
600
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.5
3.6
4.5
V
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
IDSS
--
--
10
uA
Drain-Source On-State Resistance
VGS = 10V, ID = 1A
RDS(ON)
--
3.9
4.4
Ω
Forward Transfer Conductance
VDS = 40V, ID = 1A
gfs
--
1.5
--
S
Dynamic
(Note 6)
Total Gate Charge
VDS = 480V, ID = 2A,
VGS = 10V
Qg
--
9.4
--
nC
Gate-Source Charge
Qgs
--
2.2
--
Gate-Drain Charge
Qgd
--
4.7
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
249
--
pF
Output Capacitance
Coss
--
30.7
--
Reverse Transfer Capacitance
Crss
--
5
--
Gate Resistance
F = 1MHz, open drain
Rg
--
8.5
--
Ω
Switching
(Note 7)
Turn-On Delay Time
VGS = 10V, ID = 2A,
VDD = 300V, RG =25Ω
td(on)
--
9.1
--
ns
Turn-On Rise Time
tr
--
9.8
--
Turn-Off Delay Time
td(off)
--
17.4
--
Turn-Off Fall Time
tf
--
12.4
--



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com