Electronic Components Datasheet Search
  English  ▼

X  

TSM2NB60CP Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB60CP
Description  Pb-free plating
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB60CP Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2NB60CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TSM2NB60CP
TSM2NB60CH
Taiwan Semiconductor
Document Number: DS_P0000070
1
Version: H1706
N-Channel Power MOSFET
600V, 2A, 4.4
Ω
FEATURES
● Advanced planar process
● 100% avalanche tested
● Pb-free plating
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
600
V
RDS(on) (max)
4.4
Ω
Qg
9.4
nC
APPLICATION
● Power Supply
● Lighting
TO-251(IPAK)
TO-252(DPAK)
Notes: MSL 3 (Moisture Sensitivity Level) for TO-252 (D-PAK) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
2
A
TC = 100°C
1.35
Pulsed Drain Current
(Note 2)
IDM
8
A
Single Pulsed Avalanche Energy
(Note 3)
EAS
55
mJ
Single Pulsed Avalanche Current
(Note 3)
IAS
2
A
Repetitive Avalanche Energy
(Note 2)
EAR
4.4
mJ
Peak Diode Recovery dv/dt
(Note 4)
dv/dt
4.5
V/ns
Total Power Dissipation @ TC = 25°C
PDTOT
44
W
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C


Similar Part No. - TSM2NB60CP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2NB60CPROG TSC-TSM2NB60CPROG Datasheet
376Kb / 10P
600V N-Channel Power MOSFET
TSM2NB60CPROG TSC-TSM2NB60CPROG Datasheet
378Kb / 10P
600V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM2NB60CPROG VBSEMI-TSM2NB60CPROG Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - TSM2NB60CP

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
Pb Free/RoHS Compliant
logo
Infineon Technologies A...
BSG0810NDI INFINEON-BSG0810NDI Datasheet
480Kb / 14P
Pb-free lead plating; RoHS compliant
Rev.2.0.1 2015-08-21
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
Pb-free and halogen-free package
Revision 1.2, 2014-05-14
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
Pb-free and halogen free package
Revision 1.4, 2014-05-14
logo
Cystech Electonics Corp...
MTE030N15RH8 CYSTEKEC-MTE030N15RH8 Datasheet
600Kb / 10P
Pb-free lead plating and Halogen-free package
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
Pb-Free Reflow
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
Pb-free/RoHS-compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com