Electronic Components Datasheet Search
  English  ▼

X  

TSM2NB60CP Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB60CP
Description  Pb-free plating
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB60CP Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM2NB60CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM2NB60CP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSM2NB60CP
TSM2NB60CH
Taiwan Semiconductor
Document Number: DS_P0000070
3
Version: H1706
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Source-Drain Diode
(Note 5)
Diode Forward Voltage
IS = 2A, VGS = 0V
VSD
--
0.9
1.4
V
Reverse Recovery Time
VGS = 0V, IS =2A,
dIF/dt = 100A/us
trr
--
490
--
ns
Reverse Recovery Charge
Qrr
--
0.8
--
μC
Source Current
Integral reverse diode
in the MOSFET
IS
--
--
2
A
Source Current (Pulse)
ISM
--
--
8
A
Notes:
1.
Current limited by package.
2.
Pulse width limited by the maximum junction temperature.
3.
L = 25mH, IAS = 2A, VDD = 50V, RG = 25Ω, Starting TJ = 25
oC.
100% Eas Test Condition: L = 25mH, IAS = 1A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4.
ISD ≤ 2A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25ºC.
5.
Pulse test: PW
≤ 300µs, duty cycle ≤ 2%.
6.
For DESIGN AID ONLY, not subject to production testing.
7.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com