Electronic Components Datasheet Search
  English  ▼

X  

MCP1665 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1665 Datasheet HTML 1Page - Microchip Technology MCP1665 Datasheet HTML 2Page - Microchip Technology MCP1665 Datasheet HTML 3Page - Microchip Technology MCP1665 Datasheet HTML 4Page - Microchip Technology MCP1665 Datasheet HTML 5Page - Microchip Technology MCP1665 Datasheet HTML 6Page - Microchip Technology MCP1665 Datasheet HTML 7Page - Microchip Technology MCP1665 Datasheet HTML 8Page - Microchip Technology MCP1665 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MCP1665 12V OUTPUT BOOST
REGULATOR EVALUATION BOARD
USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002686A-page 3
Table of Contents
Preface ........................................................................................................................... 3
Introduction............................................................................................................ 3
Document Layout .................................................................................................. 3
Conventions Used in this Guide ............................................................................ 4
Recommended Reading........................................................................................ 5
The Microchip Web Site ........................................................................................ 5
Customer Support ................................................................................................. 5
Document Revision History ................................................................................... 5
Chapter 1. Product Overview
1.1 Introduction ..................................................................................................... 7
1.2 MCP1665 Device Overview ........................................................................... 7
1.3 What Is the MCP1665 12V Output Boost Regulator Evaluation Board? ........ 8
1.4 What Does the MCP1665 12V Output Boost Regulator Evaluation Board Kit
Contain? ................................................................................................... 8
Chapter 2. Installation and Operation
2.1 Introduction ..................................................................................................... 9
2.1.1 MCP1665 12V Output Boost Regulator Evaluation Board Features ........... 9
2.2 Getting Started ............................................................................................. 10
2.2.1 Power Input and Output Connection ......................................................... 10
2.3 Test Results for Typical Application using MCP1665 ................................... 11
2.3.1 Test Results for MCP1665 ........................................................................ 11
2.4 Battery Considerations ................................................................................. 14
2.5 Extra Input Capacitance ............................................................................... 15
2.6 RT Spare Resistors Area ............................................................................. 15
Appendix A. Schematic and Layouts
A.1 Introduction .................................................................................................. 17
A.2 Board – Schematic ....................................................................................... 18
A.3 Board – Top Silk and pads ........................................................................... 19
A.4 Board – Top Silk And Copper ...................................................................... 19
A.5 Board – Top Copper .................................................................................... 20
A.6 Board – Bottom Copper ............................................................................... 20
Appendix B. Bill of Materials (BOM)........................................................................... 27
Worldwide Sales and Service .................................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com